Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

C2012C0G2E474KB Arkusz danych(PDF) 7 Page - TDK Electronics

Numer części C2012C0G2E474KB
Szczegółowy opis  Ceramic Capacitors For Mid Voltage SMD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TDK [TDK Electronics]
Strona internetowa  http://www.tdk.com
Logo TDK - TDK Electronics

C2012C0G2E474KB Arkusz danych(HTML) 7 Page - TDK Electronics

  C2012C0G2E474KB Datasheet HTML 1Page - TDK Electronics C2012C0G2E474KB Datasheet HTML 2Page - TDK Electronics C2012C0G2E474KB Datasheet HTML 3Page - TDK Electronics C2012C0G2E474KB Datasheet HTML 4Page - TDK Electronics C2012C0G2E474KB Datasheet HTML 5Page - TDK Electronics C2012C0G2E474KB Datasheet HTML 6Page - TDK Electronics C2012C0G2E474KB Datasheet HTML 7Page - TDK Electronics C2012C0G2E474KB Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
• All specifications are subject to change without notice.
(7/8)
001-01 / 20020221 / e42144_c2012.fm
Ceramic Capacitors
C Series
For Mid Voltage
SMD
C4532 (EIA:CC1812) TYPE
CAPACITANCE RANGES:
CLASS 1 (TEMPERATURE COMPENSATION)
TEMPERATURE CHARACTERISTICS: C0G(0±30ppm/°C)
RATED VOLTAGE Edc: 630V
RATED VOLTAGE Edc: 250V
RATED VOLTAGE Edc: 100V
CAPACITANCE RANGES:
CLASS 2
TEMPERATURE CHARACTERISTICS: X7R(±15%)
RATED VOLTAGE Edc:630V
RATED VOLTAGE Edc:250V
RATED VOLTAGE Edc:100V
Capacitance
(pF)
Tolerance
Thickness
(mm)
Part No.
8200
±5%
1.6±0.2
C4532C0G2J822J
±10%
1.6±0.2
C4532C0G2J822K
10000
±5%
1.6±0.2
C4532C0G2J103J
±10%
1.6±0.2
C4532C0G2J103K
15000
±5%
2.5±0.3
C4532C0G2J153J
±10%
2.5±0.3
C4532C0G2J153K
22000
±5%
3.2±0.3
C4532C0G2J223J
±10%
3.2±0.3
C4532C0G2J223K
Capacitance
(pF)
Tolerance
Thickness
(mm)
Part No.
22000
±5%
1.6±0.2
C4532C0G2E223J
±10%
1.6±0.2
C4532C0G2E223K
33000
±5%
2.0±0.2
C4532C0G2E333J
±10%
2.0±0.2
C4532C0G2E333K
47000
±5%
3.2±0.3
C4532C0G2E473J
±10%
3.2±0.3
C4532C0G2E473K
Capacitance
(pF)
Tolerance
Thickness
(mm)
Part No.
47000
±5%
2.0±0.2
C4532C0G2A473J
±10%
2.0±0.2
C4532C0G2A473K
68000
±5%
2.5±0.3
C4532C0G2A683J
±10%
2.5±0.3
C4532C0G2A683K
100000
±5%
3.2±0.4
C4532C0G2A104J
±10%
3.2±0.4
C4532C0G2A104K
Capacitance
(pF)
Tolerance
Thickness
(mm)
Part No.
68000
±10%
1.6±0.2
C4532X7R2J683K
±20%
1.6±0.2
C4532X7R2J683M
100000
±10%
2.3±0.2
C4532X7R2J104K
±20%
2.3±0.2
C4532X7R2J104M
Capacitance
(pF)
Tolerance
Thickness
(mm)
Part No.
150000
±10%
1.6±0.2
C4532X7R2E154K
±20%
1.6±0.2
C4532X7R2E154M
220000
±10%
2.3±0.2
C4532X7R2E224K
±20%
2.3±0.2
C4532X7R2E224M
330000
±10%
2.3±0.2
C4532X7R2E334K
±20%
2.3±0.2
C4532X7R2E334M
470000
±10%
2.3±0.2
C4532X7R2E474K
±20%
2.3±0.2
C4532X7R2E474M
Capacitance
(pF)
Tolerance
Thickness
(mm)
Part No.
680000
±10%
2.3±0.2
C4532X7R2A684K
±20%
2.3±0.2
C4532X7R2A684M
1000000
[1µF]
±10%
2.3±0.2
C4532X7R2A105K
±20%
2.3±0.2
C4532X7R2A105M
∗ M tolerance is standard for Mid Voltage X7R capacitors.
• For more information about products with other capacitance or other data,
please contact us.



Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com