Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

C2012X7R2E474KB Arkusz danych(PDF) 8 Page - TDK Electronics

Numer części C2012X7R2E474KB
Szczegółowy opis  Ceramic Capacitors For Mid Voltage SMD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TDK [TDK Electronics]
Strona internetowa  http://www.tdk.com
Logo TDK - TDK Electronics

C2012X7R2E474KB Arkusz danych(HTML) 8 Page - TDK Electronics

  C2012X7R2E474KB Datasheet HTML 1Page - TDK Electronics C2012X7R2E474KB Datasheet HTML 2Page - TDK Electronics C2012X7R2E474KB Datasheet HTML 3Page - TDK Electronics C2012X7R2E474KB Datasheet HTML 4Page - TDK Electronics C2012X7R2E474KB Datasheet HTML 5Page - TDK Electronics C2012X7R2E474KB Datasheet HTML 6Page - TDK Electronics C2012X7R2E474KB Datasheet HTML 7Page - TDK Electronics C2012X7R2E474KB Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
• All specifications are subject to change without notice.
(8/8)
001-01 / 20020221 / e42144_c2012.fm
Ceramic Capacitors
C Series
For Mid Voltage
SMD
C5750 (EIA:CC2220) TYPE
CAPACITANCE RANGES:
CLASS 2
TEMPERATURE CHARACTERISTICS: X7R(±15%)
RATED VOLTAGE Edc:630V
RATED VOLTAGE Edc:250V
RATED VOLTAGE Edc:100V
Capacitance
(pF)
Tolerance
Thickness
(mm)
Part No.
150000
±10%
1.6±0.2
C5750X7R2J154K
±20%
1.6±0.2
C5750X7R2J154M
220000
±10%
2.3±0.2
C5750X7R2J224K
±20%
2.3±0.2
C5750X7R2J224M
Capacitance
(pF)
Tolerance
Thickness
(mm)
Part No.
330000
±10%
1.6±0.2
C5750X7R2E334K
±20%
1.6±0.2
C5750X7R2E334M
470000
±10%
2.3±0.2
C5750X7R2E474K
±20%
2.3±0.2
C5750X7R2E474M
680000
±10%
2.3±0.2
C5750X7R2E684K
±20%
2.3±0.2
C5750X7R2E684M
1000000
[1
µF]
±10%
2.3±0.2
C5750X7R2E105K
±20%
2.3±0.2
C5750X7R2E105M
Capacitance
(pF)
Tolerance
Thickness
(mm)
Part No.
680000
±10%
1.6±0.2
C5750X7R2A684K
±20%
1.6±0.2
C5750X7R2A684M
1000000
[1
µF]
±10%
2.3±0.2
C5750X7R2A105K
±20%
2.3±0.2
C5750X7R2A105M
1500000
[1.5
µF]
±10%
2.3±0.2
C5750X7R2A155K
±20%
2.3±0.2
C5750X7R2A155M
2200000
[2.2
µF]
±10%
2.3±0.2
C5750X7R2A225K
±20%
2.3±0.2
C5750X7R2A225M
∗ M tolerance is standard for Mid Voltage X7R capacitors.
• For more information about products with other capacitance or other data,
please contact us.



Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com