Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MWCT1126SFVLLPR Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części MWCT1126SFVLLPR
Szczegółowy opis  Memory and memory interfaces
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

MWCT1126SFVLLPR Arkusz danych(HTML) 5 Page - NXP Semiconductors

  MWCT1126SFVLLPR Datasheet HTML 1Page - NXP Semiconductors MWCT1126SFVLLPR Datasheet HTML 2Page - NXP Semiconductors MWCT1126SFVLLPR Datasheet HTML 3Page - NXP Semiconductors MWCT1126SFVLLPR Datasheet HTML 4Page - NXP Semiconductors MWCT1126SFVLLPR Datasheet HTML 5Page - NXP Semiconductors MWCT1126SFVLLPR Datasheet HTML 6Page - NXP Semiconductors MWCT1126SFVLLPR Datasheet HTML 7Page - NXP Semiconductors MWCT1126SFVLLPR Datasheet HTML 8Page - NXP Semiconductors MWCT1126SFVLLPR Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 65 page
background image
2 Feature comparison
The following figure summarizes the memory and package options for the MWCT101xS
series and demonstrates where this device fits within the overall series. All devices which
share a common package are pin-to-pin compatible.
NOTE
Availability of peripherals depends on the pin availability in a
particular package. For more information see IO Signal
Description Input Multiplexing sheet(s) attached with
Reference Manual.
Feature comparison
MWCT101XS Data Sheet, Rev. 3, 12/2019
NXP Semiconductors
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65