| Zakładka z wyszukiwarką danych komponentów |
|
PWCT2025AFVLLPR Arkusz danych(PDF) 60 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PWCT2025AFVLLPR Arkusz danych(HTML) 60 Page - NXP Semiconductors |
|
60 / 65 page ![]() To determine the junction temperature of the device in the application when heat sinks are not used, the Thermal Characterization Parameter ( ΨJT) can be used to determine the junction temperature with a measurement of the temperature at the top center of the package case using this equation: where: • TT = thermocouple temperature on top of the package (°C) • ΨJT = thermal characterization parameter (°C/W) • PD = power dissipation in the package (W) The thermal characterization parameter is measured per JESD51-2 specification using a 40 gauge type T thermocouple epoxied to the top center of the package case. The thermocouple should be positioned so that the thermocouple junction rests on the package. A small amount of epoxy is placed over the thermocouple junction and over about 1 mm of wire extending from the junction. The thermocouple wire is placed flat against the package case to avoid measurement errors caused by cooling effects of the thermocouple wire. Dimensions 8.1 Obtaining package dimensions Package dimensions are provided in the package drawings. To find a package drawing, go to http://www.nxp.com and perform a keyword search for the drawing’s document number: Package option Document Number 64-pin LQFP 98ASS23234W 100-pin LQFP 98ASS23308W 100-pin MAPBGA 98ASA00802D 8 Dimensions MWCT101XS Data Sheet, Rev. 3, 12/2019 60 NXP Semiconductors |