| Zakładka z wyszukiwarką danych komponentów |
|
PWCT2016AFVLLPR Arkusz danych(PDF) 52 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PWCT2016AFVLLPR Arkusz danych(HTML) 52 Page - NXP Semiconductors |
|
52 / 65 page ![]() S2 S3 S3 S4 S4 SWD_CLK (input) Figure 21. Serial wire clock input timing S11 S12 S9 S10 Input data valid Output data valid SWD_CLK SWD_DIO SWD_DIO SWD_DIO S13 Figure 22. Serial wire data timing 6.6.2 Trace electrical specifications The following table describes the Trace electrical characteristics. • Measurements are with maximum output load of 50 pF, input transition of 1 ns and pad configured with fastest slew settings (DSE = 1'b1). • While doing the mode transition (RUN -> HSRUN or HSRUN -> RUN ), the interface should be OFF. Table 31. Trace specifications Symbol Description RUN Mode HSRUN Mode VLPR Mode Unit — Fsys System frequency 80 48 40 112 80 4 MHz Table continues on the next page... Debug modules MWCT101XS Data Sheet, Rev. 3, 12/2019 52 NXP Semiconductors |