| Zakładka z wyszukiwarką danych komponentów |
|
PWCT2124AFVMHPR Arkusz danych(PDF) 29 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PWCT2124AFVMHPR Arkusz danych(HTML) 29 Page - NXP Semiconductors |
|
29 / 65 page ![]() Table 21. Flash command timing specifications (continued) Symbol Description1 MWCT1014S MWCT1015S MWCT1016S Typ Max Typ Max Typ Max Unit Notes tsetram Set FlexRAM Function execution time Control Code 0xFF 0.08 — 0.08 — 0.08 — ms 3 32 KB EEPROM backup 0.8 1.2 0.8 1.2 — — 48 KB EEPROM backup 1 1.5 1 1.5 — — 64 KB EEPROM backup 1.3 1.9 1.3 1.9 1.3 1.9 teewr8b Byte write to FlexRAM execution time 32 KB EEPROM backup 385 1700 385 1700 — — µs 3,4 48 KB EEPROM backup 430 1850 430 1850 — — 64 KB EEPROM backup 475 2000 475 2000 475 4000 teewr16b 16-bit write to FlexRAM execution time 32 KB EEPROM backup 385 1700 385 1700 — — µs 3,4 48 KB EEPROM backup 430 1850 430 1850 — — 64 KB EEPROM backup 475 2000 475 2000 475 4000 teewr32bers 32-bit write to erased FlexRAM location execution time — 360 2000 360 2000 360 2000 µs teewr32b 32-bit write to FlexRAM execution time 32 KB EEPROM backup 630 2000 630 2000 — — µs 3,4 48 KB EEPROM backup 720 2125 720 2125 — — 64 KB EEPROM backup 810 2250 810 2250 810 4500 tquickwr 32-bit Quick Write execution time: Time from CCIF clearing (start the write) until CCIF setting (32-bit write 1st 32-bit write 200 550 200 550 200 1100 µs 4,5,6 2nd through Next to Last (Nth-1) 32-bit write 150 550 150 550 150 550 Table continues on the next page... Memory and memory interfaces MWCT101XS Data Sheet, Rev. 3, 12/2019 NXP Semiconductors 29 |