Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BLUENRG-M2SA Arkusz danych(PDF) 2 Page - STMicroelectronics

Numer części BLUENRG-M2SA
Szczegółowy opis  Very low power application processor module for Bluetooth® low energy v5.0
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-M2SA Arkusz danych(HTML) 2 Page - STMicroelectronics

  BLUENRG-M2SA Datasheet HTML 1Page - STMicroelectronics BLUENRG-M2SA Datasheet HTML 2Page - STMicroelectronics BLUENRG-M2SA Datasheet HTML 3Page - STMicroelectronics BLUENRG-M2SA Datasheet HTML 4Page - STMicroelectronics BLUENRG-M2SA Datasheet HTML 5Page - STMicroelectronics BLUENRG-M2SA Datasheet HTML 6Page - STMicroelectronics BLUENRG-M2SA Datasheet HTML 7Page - STMicroelectronics BLUENRG-M2SA Datasheet HTML 8Page - STMicroelectronics BLUENRG-M2SA Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
Description
The BlueNRG-M2 is a Bluetooth® low energy system-on-chip application processor
certified module, compliant with BT specifications v5.0 and BQE qualified. The
BlueNRG-M2 module supports multiple roles simultaneously and can act at the same
time as Bluetooth master and slave device. The BlueNRG-M2 is based on the
BlueNRG-2 system-on-chip and entire Bluetooth low energy stack and protocols are
embedded into module. The BlueNRG-M2 module provides a complete RF platform
in a tiny form factor. Radio, embedded antenna and high frequency oscillators are
integrated to offer a certified solution to optimize the time-to-market of the final
applications. The BlueNRG-M2 can be powered directly with a pair of AAA batteries
or any power source from 1.7 to 3.6 V.
BlueNRG-M2
DS13053 - Rev 2
page 2/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30