Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TB0460A Arkusz danych(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Numer części TB0460A
Szczegółowy opis  Approval Sheet For Product Specification
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Strona internetowa  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB0460A Arkusz danych(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB0460A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB0460A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB0460A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB0460A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB0460A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TB0460A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TB0460A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 2 -
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
IF SAW Filter 70MHz SMD 13.3X6.5mm
MODEL NO.: TB0460A
REV.No.2
A. MAXIMUM RATING:
1.Operating Temperature: -30
°C ~ 80 °C
2. Storage Temperature: -40
°C ~ +85 °C
3. Input Power Level: 10dBm
B. Characteristics :
1. Ambient Temperature: 25
°C
Value
Characteristics
Min.
Typ.
Max.
Note
Center frequency
FC
MHz
69.8
70
70.2
-
Minimum Insertion loss I.L.
dB
-
11.5
13.0
-
1 dB Bandwidth
MHz
-
11.77
-
-
3 dB Bandwidth
MHz
-
12.77
-
-
40 dB Bandwidth
MHz
-
16.00
18.25
-
Passband Ripple (Fc±5MHz)
dB
-
0.46
1.00
-
Group Delay Ripple (Fc±5MHz)
nsec
-
30
90
-
Triple transit suppression
dB
40
49
Phase linearity (Fc±5MHz)
(p-p) deg
-
5
11
-
Attenuation:( Reference level from minimum insertion loss)
dB
2)
Fc±15 MHz … Fc±30 MHz
dB
36
53
-
-
Temp Coefficient
ppm/°
C
-94
-
-
RoHS Compliant
Lead free
Lead-free soldering



Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com