Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UPD78044F Arkusz danych(PDF) 9 Page - NEC

Numer części UPD78044F
Szczegółowy opis  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NEC [NEC]
Strona internetowa  http://www.nec.com/
Logo NEC - NEC

UPD78044F Arkusz danych(HTML) 9 Page - NEC

Back Button UPD78044F Datasheet HTML 5Page - NEC UPD78044F Datasheet HTML 6Page - NEC UPD78044F Datasheet HTML 7Page - NEC UPD78044F Datasheet HTML 8Page - NEC UPD78044F Datasheet HTML 9Page - NEC UPD78044F Datasheet HTML 10Page - NEC UPD78044F Datasheet HTML 11Page - NEC UPD78044F Datasheet HTML 12Page - NEC UPD78044F Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 90 page
background image
µPD78F0034B, 78F0034BY, 78F0034B(A), 78F0034BY(A)
9
Data Sheet U16369EJ1V0DS
1. PIN CONFIGURATION (TOP VIEW)
•
64-pin plastic LQFP (10 x 10)
•
64-pin plastic TQFP (12 x 12)
•
64-pin plastic LQFP (14 x 14)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
P50/A8
P51/A9
P52/A10
P53/A11
P54/A12
P55/A13
P56/A14
P57/A15
VSS0
VDD0
P30
P31
P32/SDA0Note 1
P33/SCL0Note 1
P34/SI31Note 2
P35/SO31Note 2
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
P71/TI01
P70/TI00/TO0
P03/INTP3/ADTRG
P02/INTP2
P01/INTP1
P00/INTP0
VSS1
X1
X2
VPP
XT1
XT2
RESET
AVDD
AVREF
P10/ANI0
17 18 19 20 21 22
23
24 25
26 27 28 29 30
31 32
64 63 62 61 60 59
58
57 56
55 54 53 52 51
50 49
Notes 1.
SDA0 and SCL0 are incorporated only in the
µPD78F0034BY, 78F0034BY(A) Subseries.
2.
SI31, SO31, and SCK31 are incorporated only in the
µPD78F0034B, 78F0034B(A) Subseries.
Cautions 1. Connect the VPP pin directly to VSS0 or VSS1 in normal operation mode.
2. Connect the AVSS pin to VSS0.
Remark
When the
µPD78F0034B, 78F0034BY, 78F0034B(A), and 78F0034BY(A) are used in application fields
that require reduction of the noise generated from inside the microcontroller, the implementation of noise
reduction measures, such as supplying voltage to VDD0 and VDD1 individually and connecting VSS0 and
VSS1 to different ground lines, is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90