Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL082M Arkusz danych(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Numer części TL082M
Szczegółowy opis  TL08xx FET-Input Operational Amplifiers
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TL082M Arkusz danych(HTML) 16 Page - Texas Instruments

Back Button TL082M Datasheet HTML 12Page - Texas Instruments TL082M Datasheet HTML 13Page - Texas Instruments TL082M Datasheet HTML 14Page - Texas Instruments TL082M Datasheet HTML 15Page - Texas Instruments TL082M Datasheet HTML 16Page - Texas Instruments TL082M Datasheet HTML 17Page - Texas Instruments TL082M Datasheet HTML 18Page - Texas Instruments TL082M Datasheet HTML 19Page - Texas Instruments TL082M Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 66 page
background image
6.14 Switching Characteristics
VCC± = ±15 V, TA= 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SR
Slew rate at unity gain
VI = 10 V, RL = 2 kΩ, CL = 100 pF,
see Figure 7-1
8(1)
13
V/μs
VI = 10 V, RL = 2 kΩ, CL = 100 pF,
TA = −55°C to 125°C,
see Figure 7-1
5(1)
tr
Rise-time
VI = 20 V, RL = 2 kΩ, CL = 100 pF,
see Figure 7-1
0.05
μs
overshoot factor
20%
Vn
Equivalent input noise
voltage
RS = 20 Ω
f = 1 kHz
18
nV/√ Hz
f = 10 Hz to 10 kHz
4
μV
In
Equivalent input noise
current
RS = 20 Ω
f = 1 kHz
0.01
pA/√ Hz
THD
Total harmonic distortion
VIrms = 6 V, AVD = 1, RS ≤ 1 kΩ, RL ≥ 2 kΩ,
f = 1 kHz
0.003%
(1)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
6.15 Dissipation Rating Table
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING
FACTOR
DERATE
ABOVE TA
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
TA = 125°C
POWER RATING
D (14 pin)
680 mW
7.6 mW/°C
60°C
604 m/W
490 mW
186 mW
FK
680 mW
11.0 mW/°C
88°C
680 m/W
680 mW
273 mW
J
680 mW
11.0 mW/°C
88°C
680 m/W
680 mW
273 mW
JG
680 mW
8.4 mW/°C
69°C
672 m/W
546 mW
210 mW
TL081, TL081A, TL081B
TL082, TL082A, TL082B, TL084, TL084A, TL084B, TL084H
SLOS081J – FEBRUARY 1977 – REVISED NOVEMBER 2020
www.ti.com
16
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TL081 TL081A TL081B TL082 TL082A TL082B TL084 TL084A TL084B TL084H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com