Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FTK3439K Arkusz danych(PDF) 3 Page - First Silicon Co., Ltd

Numer części FTK3439K
Szczegółowy opis  N channelP Channel MOS FET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FS [First Silicon Co., Ltd]
Strona internetowa  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK3439K Arkusz danych(HTML) 3 Page - First Silicon Co., Ltd

  FTK3439K Datasheet HTML 1Page - First Silicon Co., Ltd FTK3439K Datasheet HTML 2Page - First Silicon Co., Ltd FTK3439K Datasheet HTML 3Page - First Silicon Co., Ltd FTK3439K Datasheet HTML 4Page - First Silicon Co., Ltd FTK3439K Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2015.01. 10
3/5
FTK3439K
Revision No : 0
N-Channel MOS
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.1
1
2
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
200
250
300
350
400
450
500
1
2
3
4
5
100
200
300
400
500
600
700
800
0
1
2
3
4
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
25
50
75
100
125
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Pulsed
Pulsed
T
a=100
V
SD
I
S
——
T
a=25
SOURCE TO DRAIN VOLTAGE V
SD
(V)
V
GS=4V,5V
V
GS=3V
V
GS=2.5V
V
GS=2V
Output Characteristics
V
GS=1.5V
DRAIN TO SOURCE VOLTAGE V
DS
(V)
V
GS=1.8V
T
a=25
Pulsed
V
GS=4.5V
V
GS=2.5V
T
a=25
Pulsed
DRAIN CURRENT I
D
(A)
I
D
——
R
DS(ON)
T
a=100
T
a=25
GATE TO SOURCE VOLTAGE V
GS
(V)
V
GS
——
R
DS(ON)
I
D=0.65A
V
DS=3V
Pulsed
GATE TO SOURCE VOLTAGE V
GS
(V)
Transfer Characteristics
T
a=100
T
a=25
I
D=250uA
Threshol d Voltage
JUNCTION TEMPERATURE T
j
( )



Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com