Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BLUENRG-355AT Arkusz danych(PDF) 21 Page - STMicroelectronics

Numer części BLUENRG-355AT
Szczegółowy opis  Programmable Bluetooth® Low Energy wireless SoC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-355AT Arkusz danych(HTML) 21 Page - STMicroelectronics

Back Button BLUENRG-355AT Datasheet HTML 17Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 18Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 19Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 20Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 21Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 22Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 23Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 24Page - STMicroelectronics BLUENRG-355AT Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 72 page
background image
•
TX_SEQUENCE is available on PA10 (AF2) or PB15 (AF1).
•
RX_SEQUENCE is available on PA8 (AF2) or PA11 (AF2).
The signal is high when radio is in TX (or RX), low otherwise.
The signals can be used to control external antenna switching and support coexistence with other wireless
technologies.
BlueNRG-LP
TX and RX event alert
DS13282 - Rev 2
page 21/72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72