Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BLUENRG-345MT Arkusz danych(PDF) 60 Page - STMicroelectronics

Numer części BLUENRG-345MT
Szczegółowy opis  Programmable Bluetooth® Low Energy wireless SoC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-345MT Arkusz danych(HTML) 60 Page - STMicroelectronics

Back Button BLUENRG-345MT Datasheet HTML 56Page - STMicroelectronics BLUENRG-345MT Datasheet HTML 57Page - STMicroelectronics BLUENRG-345MT Datasheet HTML 58Page - STMicroelectronics BLUENRG-345MT Datasheet HTML 59Page - STMicroelectronics BLUENRG-345MT Datasheet HTML 60Page - STMicroelectronics BLUENRG-345MT Datasheet HTML 61Page - STMicroelectronics BLUENRG-345MT Datasheet HTML 62Page - STMicroelectronics BLUENRG-345MT Datasheet HTML 63Page - STMicroelectronics BLUENRG-345MT Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 72 page
background image
Table 45. QFN32 (5x5x0.9, pitch 0.5 mm) package information mechanical data
Symbol
mm
Min.
Typ.
Max.
A
0.90
0.95
1.00
A1
0
0.05
A3
0.20
b
0.20
0.25
0.30
D
4.90
5.00
5.10
D2
3.60
3.70
3.80
c
0.50 BSC
E
4.90
5.00
5.10
E2
3.60
3.70
3.80
L
0.30
0.40
0.50
Note:
D and E, package outline exclusive of any mold flashes dimensions and metal burrs.
Table 46. Tolerance of form and position
Symbol
Databook
aaa
0.10
bbb
0.10
ccc
0.10
ddd
0.05
Figure 24. Detail A
BlueNRG-LP
QFN32 (5x5x0.9, pitch 0.5 mm) package information
DS13282 - Rev 2
page 60/72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com