| Zakładka z wyszukiwarką danych komponentów |
|
M24128X-FCU6T/T Arkusz danych(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24128X-FCU6T/T Arkusz danych(HTML) 13 Page - STMicroelectronics |
|
13 / 35 page ![]() 6.2 Write operations on chip enable register Write operations on chip enable register are performed independently of the state software write protect bit (SWP) . Following a start condition the bus master sends a device select code with the R/W bit (RW) set to 0. The device acknowledges this, as shown in Figure 8, and waits for the address bytes where the register is located. The device responds to each address byte with an acknowledge bit, and then waits for the data byte. In order to write the chip enable register, address bytes must have A15 bit set to 1, all other bits A14 to A0 being don't care. Table 7. Address of the chip enable register A15 (1) A14 A13 A12 A11 A10 A9 A8 A7 A6 A5 A4 A3 A2 A1 A0 1 X (2) X X X X X X X X X X X X X X 1. MSB A15 is sent first. 2. X means Don’t Care bits. When the bus master generates a stop condition immediately after the data byte ACK bit (in the “10th bit” time slot), the internal write cycle tW is triggered. A stop condition at any other time slot does not trigger the internal write cycle. During the internal write cycle, serial data (SDA) is disabled internally, and the device does not respond to any requests (NoACK). If the three bits C2, C1 and C0 have been re-configured with a correct write command, the device will acknowledge if the chip enable address of the device select code is equal to the new values of C2, C1 and C0, otherwise NoACK. Sending more than one byte will abort the write cycle (chip enable register content will not be changed). Figure 8. Write on chip enable register Byte Write Dev sel Byte addr Byte addr Data in MSv45963V1 ACK RW ACK ACK ACK M24128X-FCU Write operations on chip enable register DS12680 - Rev 2 page 13/35 |