| Zakładka z wyszukiwarką danych komponentów |
|
STM32F091CB Arkusz danych(PDF) 74 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F091CB Arkusz danych(HTML) 74 Page - STMicroelectronics |
|
74 / 128 page ![]() Electrical characteristics STM32F091xB STM32F091xC 74/128 DocID026284 Rev 4 High-speed internal 48 MHz (HSI48) RC oscillator Figure 21. HSI48 oscillator accuracy characterization results Table 43. HSI48 oscillator characteristics(1) 1. VDDA = 3.3 V, TA = –40 to 105 °C unless otherwise specified. Symbol Parameter Conditions Min Typ Max Unit fHSI48 Frequency - - 48 - MHz TRIM HSI48 user-trimming step - 0.09(2) 0.14 0.2(2) % DuCy(HSI48) Duty cycle - 45(2) 2. Guaranteed by design, not tested in production. -55(2) % ACCHSI48 Accuracy of the HSI48 oscillator (factory calibrated) TA = –40 to 105 °C -4.9(3) 3. Data based on characterization results, not tested in production. -4.7(3) % TA = –10 to 85 °C -4.1(3) -3.7(3) % TA = 0 to 70 °C -3.8(3) -3.4(3) % TA = 25 °C -2.8 - 2.9 % tsu(HSI48) HSI48 oscillator startup time - - - 6(2) µs IDDA(HSI48) HSI48 oscillator power consumption - - 312 350(2) µA |