| Zakładka z wyszukiwarką danych komponentów |
|
MA14101CAN Arkusz danych(PDF) 3 Page - Murata Manufacturing Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
MA14101CAN Arkusz danych(HTML) 3 Page - Murata Manufacturing Co., Ltd. |
|
3 / 6 page ![]() APPLICATION SPECIFIC CAPACITORS MINIATURE MICROWAVE CERAMIC CAPACITORS 120 CG01-J MA10 & 50 SERIES, P90 & COG – CASE SIZE 1 MA70 SERIES, X7R – CASE SIZE 1 MACase Size 1 Series Cap. Cap. Cap. WVDC* Code pF Tol. 0R1 0.1 B 150 0R2 0.2 “ 150 0R3 0.3 B,C 150 0R4 0.4 “ 150 0R5 0.5 B,C,D 150 0R6 0.6 “ 150 0R7 0.7 “ 150 0R8 0.8 “ 150 0R9 0.9 “ 150 1R0 1.0 “ 150 1R1 1.1 “ 150 1R2 1.2 “ 150 1R3 1.3 “ 150 1R4 1.4 “ 150 1R5 1.5 “ 150 1R6 1.6 “ 150 1R7 1.7 “ 150 1R8 1.8 “ 150 1R9 1.9 “ 150 2R0 2.0 “ 150 2R2 2.2 “ 150 2R4 2.4 “ 150 2R7 2.7 “ 150 3R0 3.0 “ 150 3R3 3.3 “ 150 3R6 3.6 “ 150 3R9 3.9 “ 150 4R3 4.3 “ 150 *@ 125°C **Extended Cap Range, COG only Cap. Cap. Cap. WVDC* Code pF Tol. 680 68 F,G,J,K,M 150 750 75 “ 150 820 82 “ 150 910 91 “ 150 101 100 “ 150 111** 110 “ 50 121** 120 “ 50 131** 130 “ 50 151** 150 “ 50 161** 160 “ 50 181** 180 “ 50 201** 200 “ 50 221** 220 “ 50 241** 240 “ 50 271** 270 “ 50 301** 300 “ 50 331** 330 “ 50 361** 360 “ 50 391** 390 “ 50 431** 430 “ 50 471** 470 “ 50 511** 510 “ 50 561** 560 “ 50 621** 620 “ 50 681** 680 “ 50 751** 750 “ 50 821** 820 “ 50 911** 910 “ 50 102** 1000 “ 50 *@ 125°C Cap. Cap. Cap. WVDC* Code pF Tol. 4R7 4.7 B,C,D 150 5R1 5.1 “ 150 5R6 5.6 “ 150 6R2 6.2 “ 150 6R8 6.8 B,C,J,K,M 150 7R5 7.5 “ 150 8R2 8.2 “ 150 9R1 9.1 “ 150 100 10 F,G,J,K,M 150 110 11 “ 150 120 12 “ 150 130 13 “ 150 150 15 “ 150 160 16 “ 150 180 18 “ 150 200 20 “ 150 220 22 “ 150 240 24 “ 150 270 27 “ 150 300 30 “ 150 330 33 “ 150 360 36 “ 150 390 39 “ 150 430 43 “ 150 470 47 “ 150 510 51 “ 150 560 56 “ 150 620 62 “ 150 *@ 125°C Cap. Cap. Cap. WVDC*** Code pF Tol. 511 510 K,M,Z 50 561 560 “ 50 621 620 “ 50 681 680 “ 50 751 750 “ 50 821 820 “ 50 911 910 “ 50 102 1000 “ 50 112 1100 “ 50 122 1200 “ 50 132 1300 “ 50 ***@ 85°C Cap. Cap. Cap. WVDC*** Code pF Tol. 152 1500 K,M,Z 50 162 1600 “ 50 182 1800 “ 50 202 2000 “ 50 222 2200 “ 50 242 2400 “ 50 272 2700 “ 50 302 3000 “ 50 332 3300 “ 50 362 3600 “ 50 392 3900 “ 50 ***@ 85°C Cap. Cap. Cap. WVDC*** Code pF Tol. 432 4300 K,M,Z 50 472 4700 “ 50 512 5100 “ 50 562 5600 “ 50 622 6200 “ 50 682 6800 “ 50 752 7500 “ 50 822 8200 “ 50 912 9100 “ 50 103 10000 “ 50 ***@ 85°C |