| Zakładka z wyszukiwarką danych komponentów |
|
STM32H747AI Arkusz danych(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32H747AI Arkusz danych(HTML) 20 Page - STMicroelectronics |
|
20 / 252 page ![]() Description STM32H747xI/G 10/242 DS12930 Rev 1 Compatibility throughout the family STM32H747xI/G devices are not pin-to-pin compatible with STM32H7x3 devices (single core line): • The TFBGA240+25 ballout is compatible with STM32H7x3 devices, except for a few I/O balls as shown in Figure 2. • LQFP208 and LQFP176 pinouts, as well as UFBGA176+25 ballout are not compatible with STM32H7x3 devices. Figure 2. TFBGA240+25 ball assignment differences 1. The balls highlighted in gray correspond to different signals on STM32H747xI/G and STM32H7x3 devices. MSv48802V2 VDD SMPS STM32H7x7 STM32H7x3 VLX SMPS VSS SMPS VFB SMPS NC PI9 PF2 NC NC NC 123456789 10 11 12 13 14 15 16 17 A VSS PI6 PI5 PI4 PB5 VDDLDO VCAP PK5 PG10 PG9 PD5 PD4 PC10 PA15 PI1 PI0 VSS B VBAT VSS PI7 PE1 PB6 VSS PB4 PK4 PG11 PJ15 PD6 PD3 PC11 PA14 PI2 PH15 PH14 C PC15- OSC32_ OUT PC14- OSC32_ IN PE2 PE0 PB7 PB3 PK6 PK3 PG12 VSS PD7 PC12 VSS PI3 PA13 VSS VDDLDO D PE5 PE4 PE3 PB9 PB8 PG15 PK7 PG14 PG13 PJ14 PJ12 PD2 PD0 PA10 PA9 PH13 VCAP E PI9 PC13 PI8 PE6 VDD PDR _ON BOOT0 VDD PJ13 VDD PD1 PC8 PC9 PA8 PA12 PA11 F PI10 PI11 VDD PC7 PC6 PG8 PG7 VDD33 USB G PF2 PF1 PF0 VDD VSS VSS VSS VSS VSS VDD PG5 PG6 VSS VDD5 USB H PI12 PI13 PI14 PF3 VDD VSS VSS VSS VSS VSS VDD PG4 PG3 PG2 PK2 J PH1- OSC_ OUT PH0- OSC_ IN VSS PF5 PF4 VSS VSS VSS VSS VSS VDD PK0 PK1 VSS DSI VSSDSI K NRST PF6 PF7 PF8 VDD VSS VSS VSS VSS VSS VDD PJ11 L VDDA PC0 PF10 PF9 VDD VSS VSS VSS VSS VSS VDD PJ10 M VREF+ PC1 PC2 PC3 VDD VDD PJ9 N VREF- PH2 PA2 PA1 PA0 PJ0 VDD VDD PE10 VDD VDD VDD PJ8 PJ7 PJ6 VSS P VSSA PH3 PH4 PH5 PI15 PJ1 PF13 PF14 PE9 PE11 PB10 PB11 PH10 PH11 PD15 PD14 R PC2_C PC3_C PA6 VSS PA7 PB2 PF12 VSS PF15 PE12 PE15 PJ5 PH9 PH12 PD11 PD12 PD13 T PA0_C PA1_C PA5 PC4 PB1 PJ2 PF11 PG0 PE8 PE13 PH6 VSS PH8 PB12 PB15 PD10 PD9 U VSS PA3 PA4 PC5 PB0 PJ3 PJ4 PG1 PE7 PE14 VCAP VDDLDO PH7 PB13 PB14 PD8 VSS VSSDSI PI9 PF2 VSSDSI DSI_CKP DSI_CKN DSI_D0N DSI_D1P DSI_D1N VSS VDDCAP DSI PJ6 PD14 VDDDSI PD15 PI9 PF2 VSSDSI DSI_D0P VSS PI9 PF2 VSS NC NC NC NC NC VSS NC PJ6 PD14 VDD PD15 VSS NC |