Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32G474PBY6XXX Arkusz danych(PDF) 49 Page - STMicroelectronics

Numer części STM32G474PBY6XXX
Szczegółowy opis  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math acc, 184 ps 12 chan Hi-res timer
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474PBY6XXX Arkusz danych(HTML) 49 Page - STMicroelectronics

Back Button STM32G474PBY6XXX Datasheet HTML 45Page - STMicroelectronics STM32G474PBY6XXX Datasheet HTML 46Page - STMicroelectronics STM32G474PBY6XXX Datasheet HTML 47Page - STMicroelectronics STM32G474PBY6XXX Datasheet HTML 48Page - STMicroelectronics STM32G474PBY6XXX Datasheet HTML 49Page - STMicroelectronics STM32G474PBY6XXX Datasheet HTML 50Page - STMicroelectronics STM32G474PBY6XXX Datasheet HTML 51Page - STMicroelectronics STM32G474PBY6XXX Datasheet HTML 52Page - STMicroelectronics STM32G474PBY6XXX Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 236 page
background image
DS12288 Rev 5
49/236
STM32G474xB STM32G474xC STM32G474xE
Pinouts and pin description
79
4
Pinouts and pin description
4.1
UFQFPN48 pinout description
Figure 5. STM32G474xB/xC/xE UFQFPN48 pinout
1. The above figure shows the package top view.
2. VSS pads are connected to the exposed pad.
MS60210V1
UFQFPN48
1
2
3
4
5
6
7
8
9
10
11
12
VBAT
PC13
PC14-OSC32_IN
PC15-OSC32_OUT
PF0-OSC_IN
PF1-OSC_OUT
PG10-NRST
PA0
PA1
PA2
PA3
PA4
36
35
34
33
32
31
30
29
28
27
26
25
PA13
VDD
PA12
PA11
PA10
PA9
PA8
PC6
PB15
PB14
PB13
PB12
Exposed pad
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More