| Zakładka z wyszukiwarką danych komponentów |
|
STM32L552CCU3PTR Arkusz danych(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L552CCU3PTR Arkusz danych(HTML) 40 Page - STMicroelectronics |
|
40 / 340 page ![]() 3.9.5 Low-power modes The ultra-low-power STM32L552xx devices support seven low-power modes to achieve the best compromise between low-power consumption, short startup time, available peripherals and available wake-up sources. Table 11 shows the related STM32L552xx modes overview. Table 10. STM32L552xx modes overview Mode Regulator and SMPS mode(1) CPU Flash SRAM Clocks DMA and Peripherals(2) Wakeup source Run Ranges 0/1 SMPS HP mode Yes ON(3) ON Any All N/A Range 2 SMPS LP or HP mode All except USB_FS, RNG LPRun LPR Yes ON(3) ON Any except PLL All except USB_FS, RNG N/A Sleep Ranges 0/1 SMPS HP mode No ON(3) ON(4) Any All Any interrupt or event Range 2 SMPS LP or HP mode All except USB_FS, RNG LPSleep LPR No ON(3) ON(4) Any except PLL All except USB_FS, RNG Any interrupt or event Stop 0(5) Ranges 0/1/2 No Off ON LSE LSI BOR, PVD, PVM RTC, IWDG COMPx (x=1,2) DAC1 OPAMPx (x=1,2) USARTx (x=1...5)(6) LPUART1(6) I2Cx (x=1...4)(7) LPTIMx (x=1,2) *** All other peripherals are frozen Reset pin, all I/Os BOR, PVD, PVM RTC, IWDG COMPx (x=1..2) USARTx (x=1...5)(6) LPUART1(6) I2Cx (x=1...4)(7) LPTIMx (x=1,2) USB_FS(8) |