| Zakładka z wyszukiwarką danych komponentów |
|
UPD17P137ACT Arkusz danych(PDF) 39 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD17P137ACT Arkusz danych(HTML) 39 Page - NEC |
|
39 / 292 page ![]() CHAPTER 3 PROGRAM COUNTER (PC) 20 Figure 3-7. Value in the Program Counter during Execution of an Indirect Subroutine Call Remark The shaded part is effective only in the case of µPD17136A/17137A/17P136A/17P137A. 3.2.4 During Execution of Return Instructions (RET, RETSK, RETI) During execution of a return instruction (RET, RETSK, RETI), the program counter is restored to the value saved in the address stack register. Figure 3-8. Value in the Program Counter during Execution of a Return Instruction Remark The shaded part is effective only in the case of µPD17136A/17137A/17P136A/17P137A. 3.2.5 During Table Reference (MOVT) During execution of table reference (MOVT DBF, @AR), the value in the program counter is saved in the stack, the address register is set by the program counter, then the contents stored at that program memory location is read into the data buffer (DBF). After that, the program counter is restored to the value saved in the address stack register. One level of the address stack is temporarily used during execution of table reference. Be careful of the stack level. PC9 PC8 PC7 PC6 PC5 PC4 PC3 PC2 PC1 PC0 MSB LSB AR9 AR8 AR7 AR6 AR5 AR4 AR3 AR2 AR1 AR0 PC10 AR10 (n = 0 to 4) Address stack register n PC9 PC8 PC7 PC6 PC5 PC4 PC3 PC2 PC1 PC0 MSB LSB (n = 0 to 4) Address stack register n PC10 |