| Zakładka z wyszukiwarką danych komponentów |
|
STM32WB35CCU6ATR Arkusz danych(PDF) 52 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WB35CCU6ATR Arkusz danych(HTML) 52 Page - STMicroelectronics |
|
52 / 193 page ![]() Functional overview STM32WB55xx STM32WB35xx 52/193 DS11929 Rev 10 3.20.5 System window watchdog (WWDG) The window watchdog is based on a 7-bit downcounter that can be set as free running. It can be used as a watchdog to reset the device when a problem occurs. It is clocked from the main clock. It has an early warning interrupt capability and the counter can be frozen in debug mode. 3.20.6 SysTick timer This timer is dedicated to real-time operating systems, but could also be used as a standard down counter. It features: a 24-bit down counter autoreload capability a maskable system interrupt generation when the counter reaches 0 a programmable clock source. 3.21 Real-time clock (RTC) and backup registers The RTC is an independent BCD timer/counter, supporting the following features: Calendar with subsecond, seconds, minutes, hours (12 or 24 format), week day, date, month, year, in BCD (binary-coded decimal) format. Automatic correction for 28, 29 (leap year), 30, and 31 days of the month. Two programmable alarms. On-the-fly correction from 1 to 32767 RTC clock pulses. This can be used to synchronize it with a master clock. Reference clock detection: a more precise second source clock (50 or 60 Hz) can be used to enhance the calendar precision. Digital calibration circuit with 0.95 ppm resolution, to compensate for quartz crystal inaccuracy. Three anti-tamper detection pins with programmable filter. Timestamp feature, which can be used to save the calendar content. This function can be triggered by an event on the timestamp pin, or by a tamper event, or by a switch to VBAT mode. 17-bit auto-reload wakeup timer (WUT) for periodic events with programmable resolution and period. The RTC and the 20 backup registers are supplied through a switch that takes power either from the VDD supply (when present) or from the VBAT pin. The backup registers are 32-bit registers used to store 80 bytes of user application data when VDD power is not present. They are not reset by a system or power reset, or when the device wakes up from Standby or Shutdown mode. The RTC clock sources can be: a 32.768 kHz external crystal (LSE) an external resonator or oscillator (LSE) one of the internal low power RC oscillators (LSI1 or LSI2, with typical frequency of 32 kHz) the high-speed external clock (HSE) divided by 32. |