| Zakładka z wyszukiwarką danych komponentów |
|
STPMIC1 Arkusz danych(PDF) 100 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPMIC1 Arkusz danych(HTML) 100 Page - STMicroelectronics |
|
100 / 140 page ![]() 6.5.2 Interrupt pending register 1 (INT_PENDING_R1) Table 49. INT_PENDING_R1 7 6 5 4 3 2 1 0 SWOUT_RI SWOUT_FA VBUSOTG_RI VBUSOTG_FA WKP_RI WKP_FA PKEY_RI PKEY_FA R R R R R R R R Address: 0x50 Type: read register only Default: 0x00 Description: interrupt pending register 1. Register is set to default on RSTn assertion. For all bits: 0: IT not pending 1: IT pending [7] SWOUT_RI: VBUS on SWOUT pin (PWR_SW out) rises above SWOUT_Rise treshold [6] SWOUT_FA: VBUS on SWOUT pin (PWR_SW out) falls below above SWOUT_Fall treshold [5] VBUSOTG_RI: VBUS on VBUSOTG pin (PWR_USB_SW out) rises above VBUSOTG_Rise threshold [4] VBUSOTG_FA: VBUS on VBUSOTG pin (PWR_USB_SW out) falls below VBUSOTG_Fall threshold [3] WKP_RI: WAKEUP rising edge [2] WKP_FA: WAKEUP falling edge [1] PKEY_RI: PONKEYn rising edge [0] PKEY_FA: PONKEYn falling edge detected STPMIC1 Interrupt registers DS12792 - Rev 7 page 100/140 |