Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ZSSC3018BA2C Arkusz danych(PDF) 13 Page - Renesas Technology Corp

Numer części ZSSC3018BA2C
Szczegółowy opis  Versatile, High Resolution 18-Bit Sensor Signal Conditioner
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3018BA2C Arkusz danych(HTML) 13 Page - Renesas Technology Corp

Back Button ZSSC3018BA2C Datasheet HTML 9Page - Renesas Technology Corp ZSSC3018BA2C Datasheet HTML 10Page - Renesas Technology Corp ZSSC3018BA2C Datasheet HTML 11Page - Renesas Technology Corp ZSSC3018BA2C Datasheet HTML 12Page - Renesas Technology Corp ZSSC3018BA2C Datasheet HTML 13Page - Renesas Technology Corp ZSSC3018BA2C Datasheet HTML 14Page - Renesas Technology Corp ZSSC3018BA2C Datasheet HTML 15Page - Renesas Technology Corp ZSSC3018BA2C Datasheet HTML 16Page - Renesas Technology Corp ZSSC3018BA2C Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
ZSSC3018 Datasheet
© 2020 Renesas Electronics Corporation
13
September 8, 2020
If needed, the polarity of the sensor bridge gain can be reversed by setting the Gain_polarity bit, which is bit 6 in the SM_config register (see
section 3.6.2). Changing the gain polarity is achieved by inverting the chopper clock. Table 2.3 gives the settings for the Gain_polarity bit. This
feature enables applying a sensor to the ZSSC3018 with swapped input signals at INN and INP; e.g., to avoid crossing wires for the final sensor
module’s assembly.
Table 2.3 Gain Polarity
Gain_polarity (SM_config Bit 6)
Gain
Setting Description
0
+1
No polarity change.
1
-1
Gain polarity is inverted.
2.3.2 Analog-to-Digital Converter
An analog-to-digital converter (ADC) is used to digitize the amplifier signal. To allow optimizing the trade-off between conversion time and
resolution, the resolution can be programmed from 12-bit to 18-bit (see Adc_bits, SM_config register; section 3.6.2). The ADC processes
differential input signals.
Table 2.4 ADC Conversion Times for a Single A2D Conversion
Resolution [Bits]
Conversion Time in µs (typical)
12
140
13
185
14
250
15
335
16
470
17
640
18
890
The ADC can perform an offset shift in order to adapt input signals with offsets to the ADC input range. The shift feature is enabled by setting
SM_config registers’ bit[15] = 1 (Shift_method = 1). The respective analog offset shift can be set up with bits[14:12], the Offset bit field in
SM_config.
Note: The offset shift causes the ADC to perform an additional amplification of the ADC’s input signal by a factor of 2. This must be considered
for a correct analog sensor setup using the pre-amplifier’s gain, the ADC offset shift, and the potential ADC gain.
The overall analog amplification Gaintotal = Gainamp1 ∗ Gainamp2 ∗ GainADC can be determined for the following options:
If no offset shift is selected, i.e. Shift_method = 0 and Offset = 000 in SM_config:
Gaintotal = Gainamp1 ∗ Gainamp2 ∗ 1
If ADC offset shift is selected, i.e. Shift_method = 1 and Offset
 000 in SM_config:
Gaintotal = Gainamp1 ∗ Gainamp2 ∗ 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51