Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS500 Arkusz danych(PDF) 2 Page - Advanced Micro Devices

Numer części CS500
Szczegółowy opis  Flexible Computing Performance
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMD [Advanced Micro Devices]
Strona internetowa  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS500 Arkusz danych(HTML) 2 Page - Advanced Micro Devices

  CS500 Datasheet HTML 1Page - Advanced Micro Devices CS500 Datasheet HTML 2Page - Advanced Micro Devices CS500 Datasheet HTML 3Page - Advanced Micro Devices CS500 Datasheet HTML 4Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CS500 Configuration Options
● Cray rackmount servers
● Multiple interconnect options: 3D torus/fat tree, single/dual rail,
QDR/FDR InfiniBand™, Intel® Omni-Path Architecture
● Local hard drives in each server
● Choice of network-attached file systems and parallel file systems
● Server management options
Flexible Computing Performance
All HPC problems are not created equal. You need fast results and
reliable computing tools matched to your workloads.
That’s why we tailor the CS500™ cluster supercomputer to your
requirements.
The CS500 system is customizable, easy to manage, and based
on industry standards. It can handle the broadest range of simula-
tions and data-intensive workloads. And we’ll configure it to meet
your needs.
We optimize components and integrate them into a powerful
high-performance compute environment that can scale to over
11,000 nodes and 60+ peak PF. Flexible node configurations fea-
ture the latest processors and interconnect technology.
Expertly engineered software simplifies system administration and
maintenance.
Designed for Your Workload
We optimize industry-standard server nodes and components and
pair them with a comprehensive software stack. What you get is
a unified HPC system that excels at capacity- and data-intensive
workloads.
Select your chassis, blades, nodes, interconnect topology, stor-
age, and system management capabilities — for a high-perfor-
mance system designed, installed and supported by Cray super-
computing experts.
Reliable and Energy Efficient
Reliability starts with careful board and component selection, test-
ing and validation.
We add multiple layers of redundancy and fault tolerance to boost
your uptime. Your CS500 cluster has redundant power, cooling,
management servers and networks, all with failover capabilities.
Each system is backed by our team of experts.
Options to increase energy savings include high-efficiency,
load-balancing power supplies; liquid-cooled rack rear-door heat
exchangers and chillers; and, for some configurations, a choice
of power options that can reduce energy loss and total cost of
ownership.
Expert Cray Support
We’re dedicated to delivering outstanding support for the users,
organizations and businesses that depend on Cray technology.
Mission-critical systems around the globe rely on our service
teams for world-class support.
Cray support engineers, field engineers and field analysts are
experienced, highly trained, and backed by subject matter experts.
We can program, install, troubleshoot, maintain and administer
your system, and optimize your applications.
Plus you get access to product support groups and in-house sys-
tems to help wtih diagnostics.



Html Pages

1 2 3 4