| Zakładka z wyszukiwarką danych komponentów |
|
MX575ANN Arkusz danych(PDF) 20 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MX575ANN Arkusz danych(HTML) 20 Page - Microchip Technology |
|
20 / 28 page ![]() MX55/57 DS20005972A-page 20 2018 Microchip Technology Inc. RECOMMENDED LAND PATTERN Dimension Limits Units Contact Pitch MILLIMETERS 2.54 BSC MIN E MAX Contact Pad Length (X6) Contact Pad Width (X6) Y X 1.53 1.60 Microchip Technology Drawing C04-3071A NOM 6-Lead Low Profile Land Grid Array [APA] - 7x5 mm Body (LLGA) SILK SCREEN 12 6 C Contact Pad Spacing 3.93 Contact to Contact (X4) G1 0.94 Contact to Contact (X3) G2 BSC: Basic Dimension. Theoretically exact value shown without tolerances. Notes: Dimensioning and tolerancing per ASME Y14.5M 1. For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging Note: E C X Y G2 G1 2.40 |