| Zakładka z wyszukiwarką danych komponentów |
|
AVLN3L-RPN02 Arkusz danych(PDF) 45 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
AVLN3L-RPN02 Arkusz danych(HTML) 45 Page - List of Unclassifed Manufacturers |
|
45 / 51 page ![]() 72 ø30 ø30 Series Accessories and Replacement Parts Maintenance Parts Shape Specification Part No. Ordering No. Package Quantity Remarks Metallic Bezel Metal (zinc diecast: chrome- plated) OG-11 OG-11PN02 2 • Cannot be used with pin lock, selector pushbuttons, and mono- lever units. Plastic Bezel Plastic (polycarbonate) OGP-11∗ OGP-11∗PN02 2 Specify a color code in place of ∗. B (black), G (green), R (red), W (white), Y (yellow) • Cannot be used with pin lock, selector pushbuttons, and mono- lever units. Clear Plastic Bezel for Flush Pushbuttons Clear Plastic (acrylic) OGP-13 OGP-13PN02 2 • Clear plastic bezel and full shroud. • OGP-1411 cannot be used with LED illumination units and diecast units. Clear Plastic Bezel for Extended Pushbuttons OGP-14 OGP-14PN02 2 Clear Plastic Bezel for Illuminated Pushbuttons OGP-1411 OGP-1411 1 Metal Bezel for Illuminated Pushbuttons Metal (zinc diecast) OL-11 OL-11PN05 5 Clear Button Cover Clear Plastic (polycarbonate) ABN1B-C ABN1B-CPN05 5 • Used on flush and extended pushbuttons to indicate a mark or a symbol engraved on the mark- ing plate. The clear button cover holds the marking plate. The ø30 series marking chip can only be used on the ABN1 and AON1. • Specify a color code in place of ∗. B (black), G (green), R (red), W (white), Y (yellow) Marking Plate Plastic (polyacetal) TN-0∗ TN-0∗PN10 10 (14/03/18) |