Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9546/PCBZ Arkusz danych(PDF) 41 Page - Analog Devices

Numer części AD9546/PCBZ
Szczegółowy opis  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9546/PCBZ Arkusz danych(HTML) 41 Page - Analog Devices

Back Button AD9546/PCBZ Datasheet HTML 37Page - Analog Devices AD9546/PCBZ Datasheet HTML 38Page - Analog Devices AD9546/PCBZ Datasheet HTML 39Page - Analog Devices AD9546/PCBZ Datasheet HTML 40Page - Analog Devices AD9546/PCBZ Datasheet HTML 41Page - Analog Devices AD9546/PCBZ Datasheet HTML 42Page - Analog Devices AD9546/PCBZ Datasheet HTML 43Page - Analog Devices AD9546/PCBZ Datasheet HTML 44Page - Analog Devices AD9546/PCBZ Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 41 of 205
Pin No.
Mnemonic
Input/
Output
Pin Type
Description
48
RESETB
Input
CMOS logic
Active Low Chip Reset. The RESETB pin has an internal 100 kΩ pull-up resistor.
When asserted, the chip goes into reset. Changes to the VDDIOA supply voltage
affect the VIH values for RESETB.
EPAD
Output
Exposed
pad
Exposed Pad. The exposed pad is the ground connection on the chip. The
exposed pad must be soldered to the analog ground of the PCB to ensure proper
functionality and for heat dissipation, noise, and mechanical strength benefits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More