| Zakładka z wyszukiwarką danych komponentów |
|
TMS320F28375DPZP Arkusz danych(PDF) 80 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320F28375DPZP Arkusz danych(HTML) 80 Page - Texas Instruments |
|
80 / 226 page ![]() 8.9.8.3 Low-Power Mode Wakeup Timing Section 8.9.8.3.1 shows the IDLE mode timing requirements, Section 8.9.8.3.2 shows the switching characteristics, and Figure 8-17 shows the timing diagram for IDLE mode. 8.9.8.3.1 IDLE Mode Timing Requirements MIN MAX UNIT(1) tw(WAKE) Pulse duration, external wake-up signal Without input qualifier 2tc(SYSCLK) cycles With input qualifier 2tc(SYSCLK) + tw(IQSW) (1) For an explanation of the input qualifier parameters, see Section 8.9.6.2.1. 8.9.8.3.2 IDLE Mode Switching Characteristics over recommended operating conditions (unless otherwise noted)(1) PARAMETER TEST CONDITIONS MIN MAX UNIT td(WAKE-IDLE) Delay time, external wake signal to program execution resume (2) cycles • Wakeup from Flash – Flash module in active state Without input qualifier 40tc(SYSCLK) With input qualifier 40tc(SYSCLK) + tw(WAKE) • Wakeup from Flash – Flash module in sleep state Without input qualifier 6700tc(SYSCLK) (3) With input qualifier 6700tc(SYSCLK) (3) + tw(WAKE) • Wakeup from RAM Without input qualifier 25tc(SYSCLK) With input qualifier 25tc(SYSCLK) + tw(WAKE) (1) For an explanation of the input qualifier parameters, see Section 8.9.6.2.1. (2) This is the time taken to begin execution of the instruction that immediately follows the IDLE instruction. Execution of an ISR (triggered by the wake-up signal) involves additional latency. (3) This value is based on the flash power-up time, which is a function of the SYSCLK frequency, flash wait states (RWAIT), and FPAC1[PSLEEP]. For more information, see the Flash and OTP Power-Down Modes and Wakeup section of the TMS320F2837xD Dual-Core Microcontrollers Technical Reference Manual . This value can be realized when SYSCLK is 200 MHz, RWAIT is 3, and FPAC1[PSLEEP] is 0x860. WAKE (A) XCLKOUT Address/Data (internal) t w(WAKE) t d(WAKE-IDLE) A. WAKE can be any enabled interrupt, WDINT or XRS. After the IDLE instruction is executed, a delay of five OSCCLK cycles (minimum) is needed before the wake-up signal could be asserted. Figure 8-17. IDLE Entry and Exit Timing Diagram TMS320F28379D, TMS320F28379D-Q1, TMS320F28378D, TMS320F28377D TMS320F28377D-Q1, TMS320F28376D, TMS320F28375D, TMS320F28374D SPRS880O – DECEMBER 2013 – REVISED FEBRUARY 2021 www.ti.com 80 Submit Document Feedback Copyright © 2021 Texas Instruments Incorporated Product Folder Links: TMS320F28379D TMS320F28379D-Q1 TMS320F28378D TMS320F28377D TMS320F28377D-Q1 TMS320F28376D TMS320F28375D TMS320F28374D |
|
Link URL |
| Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Link do karty katalogowej | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |