| Zakładka z wyszukiwarką danych komponentów |
|
TMS320F28375DPZP Arkusz danych(PDF) 141 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320F28375DPZP Arkusz danych(HTML) 141 Page - Texas Instruments |
|
141 / 226 page ![]() WARNING The SDFM clock inputs (SDx_Cy pins) directly clock the SDFM module when there is no GPIO input synchronization. Any glitches or ringing noise on these inputs can corrupt the SDFM module operation. Special precautions should be taken on these signals to ensure a clean and noise-free signal that meets SDFM timing requirements. Precautions such as series termination for ringing due to any impedance mismatch of the clock driver and spacing of traces from other noisy signals are recommended. WARNING Mode 2 (Manchester Mode) is not recommended for new applications. See the "SDFM: Manchester Mode (Mode 2) Does Not Produce Correct Filter Results Under Several Conditions" advisory in the TMS320F2837xD Dual-Core MCUs Silicon Errata . www.ti.com TMS320F28379D, TMS320F28379D-Q1, TMS320F28378D, TMS320F28377D TMS320F28377D-Q1, TMS320F28376D, TMS320F28375D, TMS320F28374D SPRS880O – DECEMBER 2013 – REVISED FEBRUARY 2021 Copyright © 2021 Texas Instruments Incorporated Submit Document Feedback 141 Product Folder Links: TMS320F28379D TMS320F28379D-Q1 TMS320F28378D TMS320F28377D TMS320F28377D-Q1 TMS320F28376D TMS320F28375D TMS320F28374D |