| Zakładka z wyszukiwarką danych komponentów |
|
TMS320F28375DPZP Arkusz danych(PDF) 151 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320F28375DPZP Arkusz danych(HTML) 151 Page - Texas Instruments |
|
151 / 226 page ![]() 8.12.3 Multichannel Buffered Serial Port (McBSP) The McBSP module has the following features: • Compatible with McBSP in TMS320C28x and TMS320F28x DSP devices • Full-duplex communication • Double-buffered data registers that allow a continuous data stream • Independent framing and clocking for receive and transmit • External shift clock generation or an internal programmable frequency shift clock • 8-bit data transfer mode can be configured to transmit with LSB or MSB first • Programmable polarity for both frame synchronization and data clocks • Highly programmable internal clock and frame generation • Direct interface to industry-standard CODECs, Analog Interface Chips (AICs), and other serially connected A/D and D/A devices • Supports AC97, I2S, and SPI protocols • McBSP clock rate, ( ) CLKSRG CLKG = 1 + CLKGDV where CLKSRG source could be LSPCLK, CLKX, or CLKR. www.ti.com TMS320F28379D, TMS320F28379D-Q1, TMS320F28378D, TMS320F28377D TMS320F28377D-Q1, TMS320F28376D, TMS320F28375D, TMS320F28374D SPRS880O – DECEMBER 2013 – REVISED FEBRUARY 2021 Copyright © 2021 Texas Instruments Incorporated Submit Document Feedback 151 Product Folder Links: TMS320F28379D TMS320F28379D-Q1 TMS320F28378D TMS320F28377D TMS320F28377D-Q1 TMS320F28376D TMS320F28375D TMS320F28374D |