| Zakładka z wyszukiwarką danych komponentów |
|
TMS320F28375DPZP Arkusz danych(PDF) 202 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320F28375DPZP Arkusz danych(HTML) 202 Page - Texas Instruments |
|
202 / 226 page ![]() 9.15 Configurable Logic Block (CLB) The C2000 configurable logic block (CLB) is a collection of blocks that can be interconnected using software to implement custom digital logic functions or enhance existing on-chip peripherals. The CLB is able to enhance existing peripherals through a set of crossbar interconnections, which provide a high level of connectivity to existing control peripherals such as enhanced pulse width modulators (ePWM), enhanced capture modules (eCAP), and enhanced quadrature encoder pulse modules (eQEP). The crossbars also allow the CLB to be connected to external GPIO pins. In this way, the CLB can be configured to interact with device peripherals to perform small logical functions such as comparators, or to implement custom serial data exchange protocols. Through the CLB, functions that would otherwise be accomplished using external logic devices can now be implemented inside the MCU. The CLB peripheral is configured through the CLB tool. For more information on the CLB tool, available examples, application reports and users guide, please refer to the following location in your C2000Ware package (C2000Ware_2_00_00_03 and higher): C2000WARE_INSTALL_LOCATION\utilities\clb_tool\clb_syscfg\doc CLB Tool User Guide How to Design with the C2000™ CLB Application Report How to Migrate Custom Logic From an FPGA/CPLD to C2000™ CLB Application Report The CLB module and its interconnects are shown in Figure 9-6. TMS320F28379D, TMS320F28379D-Q1, TMS320F28378D, TMS320F28377D TMS320F28377D-Q1, TMS320F28376D, TMS320F28375D, TMS320F28374D SPRS880O – DECEMBER 2013 – REVISED FEBRUARY 2021 www.ti.com 202 Submit Document Feedback Copyright © 2021 Texas Instruments Incorporated Product Folder Links: TMS320F28379D TMS320F28379D-Q1 TMS320F28378D TMS320F28377D TMS320F28377D-Q1 TMS320F28376D TMS320F28375D TMS320F28374D |