Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMS320F28374SPTP Arkusz danych(PDF) 70 Page - Texas Instruments

Numer części TMS320F28374SPTP
Szczegółowy opis  TMS320F2837xS Microcontrollers
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28374SPTP Arkusz danych(HTML) 70 Page - Texas Instruments

Back Button TMS320F28374SPTP Datasheet HTML 66Page - Texas Instruments TMS320F28374SPTP Datasheet HTML 67Page - Texas Instruments TMS320F28374SPTP Datasheet HTML 68Page - Texas Instruments TMS320F28374SPTP Datasheet HTML 69Page - Texas Instruments TMS320F28374SPTP Datasheet HTML 70Page - Texas Instruments TMS320F28374SPTP Datasheet HTML 71Page - Texas Instruments TMS320F28374SPTP Datasheet HTML 72Page - Texas Instruments TMS320F28374SPTP Datasheet HTML 73Page - Texas Instruments TMS320F28374SPTP Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 225 page
background image
TMS
TDI
TDO
PD
RTCK
TCK
EMU0
TRST
TDIS
GND
KEY
GND
GND
EMU1
GND
GND
TCK
TDO
TDI
TMS
TRST
RESET
EMU2
EMU4
EMU3
GND
GND
open
drain
A low pulse from the JTAG debug probe
can be tied with other reset sources
to reset the board.
1
2
3
4
5
6
7
8
9
10
11
12
14
13
16
15
18
17
20
19
3.3 V
3.3 V
3.3V
100 W
2.2 kW
4.7 kW
4.7 kW
GND
GND
MCU
Distance between the header and the target
should be less than 6 inches (15.24 cm).
Figure 7-10. Connecting to the 20-Pin JTAG Header
TMS320F28379S, TMS320F28378S, TMS320F28377S, TMS320F28377S-Q1
TMS320F28376S, TMS320F28375S, TMS320F28375S-Q1, TMS320F28374S
SPRS881J – AUGUST 2014 – REVISED FEBRUARY 2021
www.ti.com
70
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F28379S TMS320F28378S TMS320F28377S TMS320F28377S-Q1
TMS320F28376S TMS320F28375S TMS320F28375S-Q1 TMS320F28374S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com