Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMS320F28374SPZP Arkusz danych(PDF) 5 Page - Texas Instruments

Numer części TMS320F28374SPZP
Szczegółowy opis  TMS320F2837xS Microcontrollers
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28374SPZP Arkusz danych(HTML) 5 Page - Texas Instruments

  TMS320F28374SPZP Datasheet HTML 1Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 2Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 3Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 4Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 5Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 6Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 7Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 8Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 225 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 2
3 Description.......................................................................2
4 Revision History.............................................................. 5
5 Device Comparison......................................................... 6
5.1 Related Products........................................................ 8
6 Terminal Configuration and Functions..........................9
6.1 Pin Diagrams.............................................................. 9
6.2 Signal Descriptions................................................... 16
6.3 Pins With Internal Pullup and Pulldown.................... 39
6.4 Pin Multiplexing.........................................................40
6.5 Connections for Unused Pins................................... 47
7 Specifications................................................................ 48
7.1 Absolute Maximum Ratings...................................... 48
7.2 ESD Ratings – Commercial...................................... 49
7.3 ESD Ratings – Automotive....................................... 49
7.4 Recommended Operating Conditions.......................50
7.5 Power Consumption Summary................................. 51
7.6 Electrical Characteristics...........................................55
7.7 Thermal Resistance Characteristics......................... 56
7.8 Thermal Design Considerations................................57
7.9 System...................................................................... 58
7.10 Analog Peripherals..................................................93
7.11 Control Peripherals............................................... 123
7.12 Communications Peripherals................................ 142
8 Detailed Description....................................................175
8.1 Overview................................................................. 175
8.2 Functional Block Diagram....................................... 175
8.3 Memory................................................................... 177
8.4 Identification............................................................186
8.5 Bus Architecture – Peripheral Connectivity.............187
8.6 C28x Processor...................................................... 187
8.7 Control Law Accelerator..........................................191
8.8 Direct Memory Access............................................ 192
8.9 Boot ROM and Peripheral Booting..........................194
8.10 Dual Code Security Module.................................. 197
8.11 Timers................................................................... 198
8.12 Nonmaskable Interrupt With Watchdog Timer
(NMIWD)................................................................... 198
8.13 Watchdog..............................................................199
8.14 Configurable Logic Block (CLB)............................200
8.15 Functional Safety.................................................. 202
9 Applications, Implementation, and Layout............... 204
9.1 TI Reference Design............................................... 204
10 Device and Documentation Support........................205
10.1 Device and Development Support Tool
Nomenclature............................................................ 205
10.2 Markings............................................................... 206
10.3 Tools and Software............................................... 207
10.4 Documentation Support........................................ 209
10.5 Support Resources............................................... 209
10.6 Trademarks...........................................................210
10.7 Electrostatic Discharge Caution............................210
10.8 Glossary................................................................210
11 Mechanical, Packaging, and Orderable
Information.................................................................. 211
11.1 Packaging Information...........................................211
4 Revision History
Changes from June 25, 2020 to January 31, 2021 (from Revision I (June 2020) to Revision J
(January 2021))
Page
• Device Comparison: Updated part numbers.......................................................................................................6
• ESD Ratings – Commercial: Updated part numbers........................................................................................ 49
• ESD Ratings – Automotive: Updated part numbers......................................................................................... 49
• Device and Development Support Tool Nomenclature: Updated Device Nomenclature image to show -Q1 part
number............................................................................................................................................................205
www.ti.com
TMS320F28379S, TMS320F28378S, TMS320F28377S, TMS320F28377S-Q1
TMS320F28376S, TMS320F28375S, TMS320F28375S-Q1, TMS320F28374S
SPRS881J – AUGUST 2014 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TMS320F28379S TMS320F28378S TMS320F28377S TMS320F28377S-Q1
TMS320F28376S TMS320F28375S TMS320F28375S-Q1 TMS320F28374S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com