Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMS320F28374SPZP Arkusz danych(PDF) 102 Page - Texas Instruments

Numer części TMS320F28374SPZP
Szczegółowy opis  TMS320F2837xS Microcontrollers
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28374SPZP Arkusz danych(HTML) 102 Page - Texas Instruments

Back Button TMS320F28374SPZP Datasheet HTML 98Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 99Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 100Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 101Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 102Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 103Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 104Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 105Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 106Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 225 page
background image
7.10.1.2.2 ADC Characteristics (16-Bit Differential Mode)
over recommended operating conditions (unless otherwise noted)(6)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ADC conversion cycles(1)
29.6
31 ADCCLKs
Power-up time (after setting
ADCPWDNZ to first conversion)
500
µs
Gain error
–64
±9
64
LSBs
Offset error(2)
–16
±9
16
LSBs
Channel-to-channel gain error
±6
LSBs
Channel-to-channel offset error
±3
LSBs
ADC-to-ADC gain error
Identical VREFHI and VREFLO for all ADCs
±6
LSBs
ADC-to-ADC offset error
Identical VREFHI and VREFLO for all ADCs
±3
LSBs
DNL(3)
> –1
±0.5
1
LSBs
INL
–3
±1.5
3
LSBs
SNR(4) (11)
VREFHI = 2.5 V, fin = 10 kHz
87.6
dB
THD(4) (11)
VREFHI = 2.5 V, fin = 10 kHz
–93.5
dB
SFDR(4) (11)
VREFHI = 2.5 V, fin = 10 kHz
95.4
dB
SINAD(4) (11)
VREFHI = 2.5 V, fin = 10 kHz
86.6
dB
ENOB(4) (11)
VREFHI = 2.5 V, fin = 10 kHz,
single ADC(7)
14.1
bits
VREFHI = 2.5 V, fin = 10 kHz,
synchronous ADCs(8)
14.1
VREFHI = 2.5 V, fin = 10 kHz,
asynchronous ADCs(9)
Not
supported
PSRR
VDDA = 3.3-V DC + 200 mV
DC up to Sine at 1 kHz
77
dB
PSRR
VDDA = 3.3-V DC + 200 mV
Sine at 800 kHz
74
dB
CMRR
DC to 1 MHz
60
dB
VREFHI input current
190
µA
ADC-to-ADC isolation(11) (5) (10)
VREFHI = 2.5 V, synchronous ADCs(8)
–2
2
LSBs
VREFHI = 2.5 V, asynchronous ADCs(9)
Not
supported
(1)
See Section 7.10.1.2.7.
(2)
Difference from conversion result 32768 when ADCINp = ADCINn = VREFCM.
(3)
No missing codes.
(4)
AC parameters will be impacted by clock source accuracy and jitter, this should be taken into account when selecting the clock source
for the system. The clock source used for these parameters was a high-accuracy external clock fed through the PLL. The on-chip
Internal Oscillator has higher jitter than an external crystal and these parameters will degrade if it is used as a clock source.
(5)
Maximum DC code deviation due to operation of multiple ADCs simultaneously.
(6)
Typical values are measured with VREFHI = 2.5 V and VREFLO = 0 V. Minimum and Maximum values are tested or characterized with
VREFHI = 2.5 V and VREFLO = 0 V.
(7)
One ADC operating while all other ADCs are idle.
(8)
All ADCs operating with identical ADCCLK, S+H durations, triggers, and resolution.
(9)
Any ADCs operating with heterogeneous ADCCLK, S+H durations, triggers, or resolution.
(10) Value based on characterization.
(11) I/O activity is minimized on pins adjacent to ADC input and VREFHI pins as part of best practices to reduce capacitive coupling and
crosstalk.
TMS320F28379S, TMS320F28378S, TMS320F28377S, TMS320F28377S-Q1
TMS320F28376S, TMS320F28375S, TMS320F28375S-Q1, TMS320F28374S
SPRS881J – AUGUST 2014 – REVISED FEBRUARY 2021
www.ti.com
102
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F28379S TMS320F28378S TMS320F28377S TMS320F28377S-Q1
TMS320F28376S TMS320F28375S TMS320F28375S-Q1 TMS320F28374S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com