Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMS320F28374SPZP Arkusz danych(PDF) 115 Page - Texas Instruments

Numer części TMS320F28374SPZP
Szczegółowy opis  TMS320F2837xS Microcontrollers
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28374SPZP Arkusz danych(HTML) 115 Page - Texas Instruments

Back Button TMS320F28374SPZP Datasheet HTML 111Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 112Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 113Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 114Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 115Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 116Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 117Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 118Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 119Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 225 page
background image
7.10.2.1 CMPSS Electrical Data and Timing
Section 7.10.2.1.1 shows the comparator electrical characteristics. Figure 7-39 shows the CMPSS comparator
input referred offset. Figure 7-40 shows the CMPSS comparator hysteresis.
7.10.2.1.1 Comparator Electrical Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power-up time
500(2)
µs
Comparator input (CMPINxx) range
0
VDDA
V
Input referred offset error
Low common mode, inverting input set
to 50 mV
–20
20
mV
Hysteresis(1)
1x
12
CMPSS
DAC LSB
2x
24
3x
36
4x
48
Response time (delay from CMPINx input change
to output on ePWM X-BAR or Output X-BAR)
Step response
21
60
ns
Ramp response (1.65 V/µs)
26
Ramp response (8.25 mV/µs)
30
Common Mode Rejection Ratio (CMRR)
40
dB
(1)
The CMPSS DAC is used as the reference to determine how much hysteresis to apply. Therefore, hysteresis will scale with the
CMPSS DAC reference voltage. Hysteresis is available for all comparator input source configurations.
(2)
See the "Analog Bandgap References" advisory of the TMS320F2837xS MCUs Silicon Errata .
Note
The CMPSS inputs must be kept below VDDA + 0.3 V to ensure proper functional operation. If a
CMPSS input exceeds this level, an internal blocking circuit will isolate the internal comparator from
the external pin until the external pin voltage returns below VDDA + 0.3 V. During this time, the internal
comparator input will be floating and can decay below VDDA within approximately 0.5 µs. After this
time, the comparator could begin to output an incorrect result depending on the value of the other
comparator input.
CTRIPx = 0
0
CMPINxN or
DACxVAL
CTRIPx = 1
Input Referred Offset
COMPINxP
Voltage
CTRIPx
Logic Level
Figure 7-39. CMPSS Comparator Input Referred Offset
www.ti.com
TMS320F28379S, TMS320F28378S, TMS320F28377S, TMS320F28377S-Q1
TMS320F28376S, TMS320F28375S, TMS320F28375S-Q1, TMS320F28374S
SPRS881J – AUGUST 2014 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
115
Product Folder Links: TMS320F28379S TMS320F28378S TMS320F28377S TMS320F28377S-Q1
TMS320F28376S TMS320F28375S TMS320F28375S-Q1 TMS320F28374S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com