| Zakładka z wyszukiwarką danych komponentów |
|
AM50-0002 Arkusz danych(PDF) 2 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
AM50-0002 Arkusz danych(HTML) 2 Page - Tyco Electronics |
|
2 / 5 page ![]() Low Noise Amplifier 1.575 GHz AM50-0002 2 V7 M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information. • North America Tel: 800.366.2266 / Fax: 978.366.2266 • Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 • Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information. Electrical Specifications: TA = +25°C, Z0=50 Ohm, VDD=+5V, PIN=-35 dBm, F=1.575 GHz Parameter Test Conditions Units Min Typ Max Gain — dB 25 27 29 Noise Figure — dB - 1.15 1.4 Input VSWR — Ratio - 2.0:1 - Output VSWR — Ratio - 1.5:1 - Output P1dB Compression — dBm - 1 - Input IP3 — dBm - -14 - Reverse Isolation — dB - 48 - Bias Current — mA 15 20 25 Recommended PCB Configuration Application Schematic Frequency = 1.575 GHz Impedance Electrical Length T1 57.2 W 36.0° T2 82.7 W 16.2° SOIC-8 |