| Zakładka z wyszukiwarką danych komponentów |
|
M1EXM-2-M2/C01 Arkusz danych(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
M1EXM-2-M2/C01 Arkusz danych(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 7 page ![]() MODEL: M1EXM-2 M1EXM-2 SPECIFICATIONS ES-5983 Rev.2 Page 4/7 https://www.m-system.co.jp/ EXTERNAL VIEW Mode Button Set Button Display Configurator Jack Up Button Down Button COMPONENT FUNCTION Display Indicates present values, setting values and abnormal information. Two types of present values are displayed respectively at the upper and lower parts according to setting. Mode button Shifts from Measuring mode to each setting mode. The destination changes depending on how long the button is held down. Pressing Mode button for ≥ 2 seconds returns to Measuring mode from each setting mode.. Set button Shifts the setting value of each setting parameter item to a setting changeable state. When at setting changeable state, used to move through the digits of setting value and to enter (save) the setting value. Up button Shifts through setting parameter items and to increase or select the setting value. Down button Shifts through setting parameter items and to decrease or select the setting value. Con gurator Jack Used to perform con guration with M1E con gurator software (model: M1ECFG). When using the software, set the Lockout setting of the unit to ‘Lock’. Refer to the operating manual (EM-5983-B) for detailed procedures. TERMINAL ASSIGNMENTS 5 10 1 6 7 2 3 4 8 9 15 20 11 16 17 12 13 14 18 19 No. FUNCTION No. FUNCTION 1 Unused 11 Ch1 Output + 2 Unused 12 Ch1 Output – 3 Ch1 Potentiometer input 3 13 Unused 4 Ch1 Potentiometer input 2 14 Ch2 Output + 5 Ch1 Potentiometer input 1 15 Ch2 Output – 6 Unused 16 Unused 7 Unused 17 Unused 8 Ch2 Potentiometer input 3 18 Unused 9 Ch2 Potentiometer input 2 19 Power U (+) 10 Ch2 Potentiometer input 1 20 Power V (–) * Base does not come with the unit. Please order separately. |