| Zakładka z wyszukiwarką danych komponentów |
|
10TS-NC0-R Arkusz danych(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
10TS-NC0-R Arkusz danych(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 4 page ![]() MODEL: 10TS http://www.m-system.co.jp/ 10TS SPECIFICATIONS ES-0812 Rev.9 Page 3/4 DIMENSIONS unit: mm (inch) Terminal 3 is deleted with CJC sensor attached models. 130 (5.12) 3 (.12) 51 (2.01) 2–4.3 (.17) dia. MTG HOLE TERMINAL COVER 7–M3.5 SCREW 8 (.31) 25 (.98) 1 2 3 5 6 7 8 TERMINAL ASSIGNMENTS 1 2 5 6 7 8 CJC SENSOR (model: CJM) *Deleted with Option /N * SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM + – Isolation Output Driver OUTPUT 1 7 8 + – S Z Output Driver OUTPUT 2 5 6 * Deleted with Option /N. ** Deleted with Option /N or B thermocouple. ***1 output type has the output 1 connected to the card-edge connector in parallel. Remark 1) The section enclosed by broken line is only for 2nd output channel. OUTPUT 2*** ** POWER S Z Voltage/ Duty Cycle Low Drift Amplifier Burnout Protection + – T / C CJC SENSOR metal leg comp. leadwire 1 2 + – Linearizer CJC Sensing Volt. Generator red black model: CJM * |