| Zakładka z wyszukiwarką danych komponentów |
|
HDSP2001LP Arkusz danych(PDF) 1 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
HDSP2001LP Arkusz danych(HTML) 1 Page - Infineon Technologies AG |
|
1 / 7 page ![]() 2000 Infineon Technologies Corp. • Optoelectronics Division • San Jose, CA www.infineon.com/opto • 1-888-Infineon (1-888-463-4636) OSRAM Opto Semiconductors GmbH & Co. OHG • Regensburg, Germany www.osram-os.com • +49-941-202-7178 1 April 4, 2000-11 FEATURES • Four 0.150" Dot Matrix Characters • Four Colors: Red, Yellow, High Efficiency Red, Green • Wide Viewing Angle: X Axis +50 °, Y Axis +75° • Built-in CMOS Shift Registers with Constant Current LED Row Drivers • Custom Fonts from Shift Registers • Easily Cascaded for Multiple Displays • TTL Compatible • End Stackable • Extended Operating Temperature Range: –40 °C to + 85°C • Categorized for Luminous Intensity • All Displays Color Matched • Compact Plastic Package • 100% Burned-in and Tested RED HDSP2000LP YELLOW HDSP2001LP HIGH EFFICIENCY RED HDSP2002LP GREEN HDSP2003LP 0.150" 4-Character 5 x 7 Dot Matrix Serial Input Alphanumeric Display DESCRIPTION The HDSP200XLP are four digit 5 x 7 dot matrix serial input alphanu- meric displays. The displays are available in red, yellow, high efficiency red, or bright green. The package is a standard twelve-pin DIP with a flat plastic lens. The display can be stacked horizontally or vertically to form messages of any length. The HDSP200XLP has two fourteen-bit CMOS shift registers with built-in row drivers. These shift registers drive twenty-eight rows and enable the design of customized fonts. Cascading multiple displays is possible because of the Data In and Data Out pins. Data In and Out are easily input with the clock signal and displayed in parallel on the row drivers. Data Out represents the output of the 7th bit of digit number four shift register The shift register is level triggered. The like columns of each character in a display cluster are tied to a single pin (see Block Diagram). High true data in the shift register enables the output current mirror driver stage associated with each row of LEDs in the 5 x 7 diode array. .146 (3.71) Part No. .170 (4.32) .020 (.51) ±.003 (.08) 12 pl. EIA Date Code Luminous Intensity Code or Color Code for Yellow HDSP2000LP OSRAM YYWW Z .699 (17.75) max. .175 (4.44) ±.005 (.13) .200 (5.08) .100 (2.54) ±.005 (.13) non-cum.10 pl. .083 (2.11) .200 (5.08) .300 (7.62) ±.010 (.25) .012 (.3) ±.002 (.05) .150 (3.81) .350 (8.89) 1 2 3 4 5 6 12 11 10 9 8 7 Pin 1 Indicator Tolerance: ±.015 (.38) Pin Function 1 Column 1 2 Column 2 3 Column 3 4 Column 4 5 Column 5 6 No Connection 7 Data Out 8VB 9 VCC 10 Clock 11 Ground 12 Data In Dimensions in inches (mm) See Appnote 44 at www.infineon.com/opto. |
Podobny numer części - HDSP2001LP |
|
Podobny opis - HDSP2001LP |