| Zakładka z wyszukiwarką danych komponentów |
|
M2EXR Arkusz danych(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
M2EXR Arkusz danych(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 6 page ![]() MODEL: M2EXR M2EXR SPECIFICATIONS ES-5144 Rev.3 Page 4/6 http://www.m-system.co.jp/ EXTERNAL VIEW Display Mode Button Set Button Configurator Jack Up Button Down Button Up Down Mode Set Output Setting DIP SW ON 1 2 3 4 5 6 7 8 SW1 OFF ON 1 2 3 4 5 6 7 8 SW1 OFF PERCENT 100.00 OUTPUT 20.000 % mA COMPONENT FUNCTION Display Indicates present values, setting values and abnormal information. Two types of present values at upper and lower are displayed by setting. Mode Button Used to shift from measuring mode to each setting mode. Destination to shift is changed by the time pressing and holding the button. Used to return from each setting mode to measuring mode. (press and hold for 2 sec. or more) Set Button Used to change setting value of setting parameter. When at setting changeable state, used to enter (save) the setting value. Used to move on through digits of setting value for input/output scaling at setting changeable state, Up Button Used to shift through setting parameter, and to increase or select setting value. Down Button Used to shift through setting parameter, and to decrease or select setting value. Con gurator Jack Used to con gure with M2E con gurator software (model: M2ECFG). At the same time, set the lockout setting of the unit to ‘lock’. Refer to the operating manual (EM-5144-B) for detailed procedures. |