| Zakładka z wyszukiwarką danych komponentów |
|
BAT854SW Arkusz danych(PDF) 2 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
BAT854SW Arkusz danych(HTML) 2 Page - NXP Semiconductors |
|
2 / 8 page ![]() 2001 Feb 27 2 Philips Semiconductors Product specification Schottky barrier (double) diodes BAT854W series FEATURES • Very low forward voltage • Very low reverse current • Guard ring protected • Very small SMD plastic package. APPLICATIONS • Ultra high-speed switching • Voltage clamping • Protection circuits • Blocking diodes • Low power consumption applications (e.g. hand-held applications). DESCRIPTION Planar Schottky barrier diodes encapsulated in a SOT323 very small SMD plastic package. Single diodes and double diodes with different pinning are available. MARKING PINNING TYPE NUMBER MARKING CODE BAT854W 81 BAT854AW 82 BAT854CW 83 BAT854SW 84 PIN SYMBOL BAT854W 1a 2 n.c. 3k BAT854AW 1k1 2k2 3a1,a2 BAT854CW 1a1 2a2 3k1, k2 BAT854SW 1a1 2k2 3k1, a2 handbook, 2 columns 3 12 MBC870 Top view Fig.1 Simplified outline SOT323 and pin configuration. 3 12 n.c. MLC357 Fig.2 BAT854W single diode configuration (symbol). 3 12 MLC360 Fig.3 BAT854AW diode configuration (symbol). 3 12 MLC359 Fig.4 BAT854CW diode configuration (symbol). 3 12 MLC358 Fig.5 BAT854SW diode configuration (symbol). |