| Zakładka z wyszukiwarką danych komponentów |
|
DA3-V22-R3/Q Arkusz danych(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
DA3-V22-R3/Q Arkusz danych(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 7 page ![]() MODEL: DA3 DA3 SPECIFICATIONS ES-1395 Rev.14 Page 4/7 https://www.m-system.co.jp/ PARAMETER LIST It is available to configure or confirm settings shown below by using front key pad. ITEM MDF. CODE DATA CONTENTS DEFAULT P N/A -9999 – 9999 (-FFFF – FFFF) Input display in engineering unit, BCD (as set in ITEM 08/09) ( ) for binary, offset binary, two's complement, re ected binary – 01 1, 2 , 3 Modi cation code 1 : Data indication only. 2 : All parameters are modi able. 3 : ITEM 22 only. 1 02 N/A 0 – 99 Status indication (“0” is normally indicated.) 0: Normal 1: Memory error 10: Out of input range -15 – 115% – 03/L 2 -15.0 – 115.0 Input indicated in % (of the range set in ITEM 17/18) Loop test output with ITEM 01 DATA 2 (‘L’ is indicated as ITEM No.) – 04 05 2 2 -99.99 – 99.99 -99.99 – 99.99 Zero adjustment (%) ( ne adj. of the value set in ITEM 17) Span adjustment (%) ( ne adj. of the value set in ITEM 18) 0.00 0.00 06 2 0, 1, 2, 3, 4 Display code 0 : BCD with polarity (decimal) 1 : Binary with polarity 2 : Offset binary 3 : Two’s complement 4 : Re ected binary 0 07 2 0, 1, 2, 3, 4 Available number of bits 0: 16 bits 1: 14 bits 2: 12 bits 3: 10 bits 4: 8 bits 0 08 09 2 2 -9999 – 9999 -9999 – 9999 BCD Display range scaling 0% *1 Display range scaling 100% *1 -9999 9999 08 09 2 2 -7FFF – 7FFF -7FFF – 7FFF Binary Display range scaling 0% *1 Display range scaling 100% *1 -7FFF 7FFF 08 09 2 2 0000 – FFFF 0000 – FFFF Offset binary Display range scaling 0% *1 Display range scaling 100% *1 0000 FFFF 08 09 2 2 8000 – 7FFF 8000 – 7FFF Two’s complement Display range scaling 0% *1 Display range scaling 100% *1 8000 7FFF 08 09 2 2 0000 – FFFF 0000 – FFFF Re ected binary Display range scaling 0% *1 Display range scaling 100% *1 0000 FFFF 10 2 0, 1 Data input logic*2 0 : Positive 1 : Negative ITEM 11 and 13 are independent from ITEM 10. 1 11 2 0, 1, 2 LOAD input 0: LOAD at Low or shortcircuit*3 1 : LOAD at High or opencircuit*4 2 : Unavailable (unused) 0 12 2 0, 1 POL input 0 : Unavailable (unused) 1 : Available (used) 1 13 2 0, 1 POL input 0: Negative at High or opencircuit*4 1 : Negative at Low or shortcircuit*3 1 14 2 0, 1, 2 Parity check 0: Disable 1: Enable Parity per each digit 2: Enable Parity for all digits 0 15 2 0, 1 Odd or even parity 0 : Odd 1 : Even 0 16 2 0.0 – 60.0 Delay buffer (seconds, 0 – 90%) When the Response Time model suffix code is speci ed to 1, the set value is only effective at 0.5 or higher value. 0.0 17 18 2 2 -1.00 – 1.00 -1.00 – 1.00 Output code V1 0% output voltage (V) *5 100% output voltage (V) *5 -1.00 1.00 17 18 2 2 -10.0 – 10.0 -10.0 – 10.0 Output code V2 0% output voltage (V) *5 100% output voltage (V) *5 -10.0 10.0 17 18 2 2 0.0 – 20.0 0.0 – 20.0 Output code Z1 0% output voltage (V) *5 100% output voltage (V) *5 4.0 20.0 19 2 0 – 99 Power ON-delay time (seconds) 5 20 2 0, 1 – 60 Power-saving mode 0 : Continuous display 1 – 60 : Time before display turned off (minutes) 10 21 2 0 – 9999 Parity check error count The count value is reset to 0 with double-clicking the DATA DOWN key. – 22 3 0, 1 Reset all settings 0 23 N/A — ROM version – *1. ITEM 08 < ITEM 09. *2. Open collector input logic LOGIC ITEM 10 0 : Positive logic 1 : Negative logic INPUT DATA 0 1 0 1 TTL level, open collector sink type (TTL level) Short (LOW) Open (HIGH) Open (HIGH) Short (LOW) 24V DC, open collector source type Open Short Short Open *3. “Opencircuit” with 24V DC input *4. “Shortcircuit” with 24V DC input *5. Of the range set in ITEM 08/09. ITEM 17 < ITEM 18. |