| Zakładka z wyszukiwarką danych komponentów |
|
FLCS-62-K Arkusz danych(PDF) 2 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
FLCS-62-K Arkusz danych(HTML) 2 Page - M-System Co.,Ltd. |
|
2 / 3 page ![]() MODEL: FLCS FLCS SPECIFICATIONS ES-1404 Rev.2 Page 2/3 http://www.m-system.co.jp/ /S01: Stainless steel GENERAL SPECIFICATIONS Construction: Plug-in Connection: M3.5 screw terminals (torque 0.8 N·m) Screw terminal: Nickel-plated steel (standard) or stainless steel Housing material: Flame-resistant resin (black) Isolation: Input to output to power Overrange output: Approx. -10 to +120 % at 1 – 5 V Excitation adjustment: 2 – 10 V (front) Zero adjustments (tare): 0 – 80 % (front) (Excitation voltage: factory default) Span adjustment: 100 – 20 % (front) (Excitation voltage: factory default) INPUT SPECIFICATIONS ■ Input: Bridge voltage from load cells • Strain Gauge Rated output from strain gauge: 1 – 20 mV/V; Input to the transmitter must be over 3 mV. • Excitation: 2 – 10 V adjustable (5 V standard) Maximum current: 35 mA OUTPUT SPECIFICATIONS ■ DC Current: 0 – 20 mA DC Minimum span: 1 mA Offset: Max. 1.5 times span Load resistance: Output drive 15 V max. ■ DC Voltage: -10 – +12 V DC Minimum span: 5 mV Offset: Max. 1.5 times span Load resistance: Output drive 1 mA max.; at ≥ 0.5 V INSTALLATION Power input •AC: Approx. 5 VA •DC: 24 V approx. 120 mA 110 V approx. 40 mA Operating temperature: -5 to +55°C (23 to 131°F) Operating humidity: 30 to 90 %RH (non-condensing) Mounting: Surface or DIN rail; Standard Rack Mounting Frame BX-16H available Weight: 200 g (0.44 lb) PERFORMANCE in percentage of span Accuracy: ±0.1 % (input ≥ 3 mV) Temp. coefficient: ±0.015 %/°C (±0.008 %/°F) (input ≥ 3 mV) Line voltage effect: ±0.1 % over voltage range Insulation resistance: ≥ 100 MΩ with 500 V DC Dielectric strength Power input code R: 1000 V AC @ 1 minute (input to output) 2000 V AC @ 1 minute (input or output or power to ground) 500 V AC @ 1 minute (I/O to power) Power input code K, L, P: 1000 V AC @ 1 minute (input to output) 2000 V AC @ 1 minute (input or output or power to ground) 1500 V AC @ 1 minute (I/O to power) |