| Zakładka z wyszukiwarką danych komponentów |
|
FLC-63-R Arkusz danych(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
FLC-63-R Arkusz danych(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 3 page ![]() MODEL: FLC FLC SPECIFICATIONS ES-1435 Rev.6 Page 3/3 http://www.m-system.co.jp/ EXTERNAL VIEW Zero Adj. Span Adj. Excitation Adj. EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch) 1 2 3 4 7 6 8 5 26 (1.02) 15 (.59) 2–4.5 (.18) HOLE 15 (.59) deep 8–M3.5 SCREW 7.8 (.31) 107 (4.21) DIN RAIL 35mm wide [3.3 (.13)] CLAMP (top & bottom) 137 (5.39) •When mounting, no extra space is needed between units. 26 (1.02) SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM + – * Base Socket Low Drift Amplifier Output Driver OUTPUT 5 6 Z S U(+) V(–) POWER 7 8 + – 1 3 4 2 + – STRAIN GAUGE *Ground the shield cable at either strain gauge or transmitter side. Low Drift DC Volt. Stabilizer EXC. * Specifications are subject to change without notice. |