| Zakładka z wyszukiwarką danych komponentów |
|
JRQ2-70-S/Q Arkusz danych(PDF) 5 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
JRQ2-70-S/Q Arkusz danych(HTML) 5 Page - M-System Co.,Ltd. |
|
5 / 5 page ![]() MODEL: JRQ2 JRQ2 SPECIFICATIONS ES-1576 Rev.8 Page 5/5 http://www.m-system.co.jp/ SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM * + – OUTPUT 1 11 U(+) V(–) POWER 7 14 RS-422 Receiver + – Isolation Base Socket Waveform Shaper Reset Input Output Driver OUTPUT 8 1 11 U(+) V(–) POWER 7 14 Digital Computation SERIAL TRANSMISSION LINE PU-2x MODULAR JACK – + – + 4 5 9 3 + 2 15 10 ALARM OUTPUT 6 Waveform Shaper + Exc. Supply 12 A φ B φ COM PWR ROTARY ENCODER ■ OPEN COLLECTOR or VOLTAGE PULSE INPUT Isolation Base Socket Output Driver Digital Computation SERIAL TRANSMISSION LINE PU-2x MODULAR JACK – RS-422 Receiver + 4 15 5 12 + 3 Excitation Supply 6 – A φ B φ ROTARY ENCODER ■ RS-422 LINE DRIVER INPUT 8 + PWR A φ B φ – COM S Z S Z VS VS *Terminals 3 and 15 are internally connected. COM terminals of the rotary encoder and the reset input can be connected to either one. INPUT MON. INPUT MON. DETECT. LEVEL Ry * INPUT MON. INPUT MON. INPUT TYPE INPUT TYPE RESET INPUT Reset Input – + 9 2 10 ALARM OUTPUT Ry RESET INPUT Specifications are subject to change without notice. |