| Zakładka z wyszukiwarką danych komponentów |
|
FCR-DF-P Arkusz danych(PDF) 2 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
FCR-DF-P Arkusz danych(HTML) 2 Page - M-System Co.,Ltd. |
|
2 / 4 page ![]() MODEL: FCR FCR SPECIFICATIONS ES-1482 Rev.8 Page 2/4 http://www.m-system.co.jp/ SPECIFICATIONS OF OPTION: Q (multiple selections) COATING (For the detail, refer to M-System's web site.) /C01: Silicone coating /C02: Polyurethane coating /C03: Rubber coating TERMINAL SCREW MATERIAL /S01: Stainless steel GENERAL SPECIFICATIONS Construction: Plug-in Connection: M3.5 screw terminals (torque 0.8 N·m) Screw terminal: Nickel-plated steel (standard) or stainless steel Housing material: Flame-resistant resin (black) Isolation: Input or output to power Overrange output: Approx. -10 to +120 % at 1 – 5 V Rate-of-change adjustment: 260°-turn screwdriver adjustment (front) Rate-of-change adjustment range: Approx. 0.5 to 40 sec. (0 – 100 %; factory set to MIN.) Zero adjustment: -5 to +5 % (front) Span adjustment: 95 to 105 % (front) INPUT SPECIFICATIONS ■ DC Current: Shunt resistor attached to the input terminals (0.5 W) Specify input resistance value for code Z. ■ DC Voltage: -300 – +300 V DC Minimum span: 3 mV Offset: Max. 1.5 times span Input resistance Span 3 – 10 mV : ≥ 10 kΩ Span 10 – 100 mV : ≥ 10 kΩ Span 0.1 – 1 V : ≥ 100 kΩ Span ≥ 1 V : ≥ 1 MΩ OUTPUT SPECIFICATIONS ■ DC Current: 0 – 20 mA DC Minimum span: 1 mA Offset: Max. 1.5 times span Load resistance: Output drive 15 V max. ■ DC Voltage: -10 – +12 V DC Minimum span: 5 mV Offset: Max. 1.5 times span Load resistance: Output drive 1 mA max.; at ≥ 0.5 V INSTALLATION Power input •AC: Approx. 4.5 VA •DC: 24 V approx. 70 mA 110 V approx. 20 mA Operating temperature: -5 to +55°C (23 to 131°F) Operating humidity: 30 to 90 %RH (non-condensing) Mounting: Surface or DIN rail; Standard Rack Mounting Frame BX-16H available Weight: 200 g (0.44 lb) PERFORMANCE in percentage of span Accuracy: ±0.2 % Temp. coefficient: ±0.015 %/°C (±0.008 %/°F) Line voltage effect: ±0.1 % over voltage range Insulation resistance: ≥ 100 MΩ with 500 V DC Dielectric strength Power input code R: 2000 V AC @ 1 minute (input or output or power to ground) 500 V AC @ 1 minute (I/O to power) Power input code K, L, P: 2000 V AC @ 1 minute (input or output or power to ground) 1500 V AC @ 1 minute (I/O to power) |