| Zakładka z wyszukiwarką danych komponentów |
|
JDL-A4D-R Arkusz danych(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
JDL-A4D-R Arkusz danych(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 4 page ![]() MODEL: JDL JDL SPECIFICATIONS ES-1668 Rev.12 Page 4/4 http://www.m-system.co.jp/ EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch) 3 4 5 6 2 1 8 7 50 (1.97) 107 (4.21) 127 (5) [3.3 (.13)] 40 (1.57) 50 (1.97) 7.8 (.31) CLAMP (top & bottom) DIN RAIL 35mm wide 2–4.5 (.18) dia. MTG HOLE 15 (.59) deep 8–M3.5 SCREW • When mounting, no extra space is needed between units. SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM + – Isolation Base Socket S Z Output Driver OUTPUT 6 1 2 U(+) V(–) POWER 7 8 Digital Computation SERIAL TRANSMISSION LINE PU-2x MODULAR JACK Current Limiter 24V DC Supply 250Ω + – 3 5 4 2-WIRE TRANSMITTER + – V – + (1 – 5V DC) MONITOR ■When Used as Linearizer 250Ω 3 5 4 + No Connection – INPUT Specifications are subject to change without notice. |