| Zakładka z wyszukiwarką danych komponentów |
|
ADAV803 Arkusz danych(PDF) 32 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADAV803 Arkusz danych(HTML) 32 Page - Analog Devices |
|
32 / 56 page ![]() ADAV803 Rev. 0 | Page 32 of 56 17. SRC and Cl Control Register 1 SRCDIV0 CLK2DIV1 CLK2DIV0 CLK1DIV1 CLK1DIV0 MCLKSEL1 MCLKSEL0 REGISTER DESCRIPTIONS Table ock SRCDIV 7 6 5 4 3 2 1 0 ADDRESS = 0000000 (0x00) SRCDIV1–0 Divides the SRC master clock. 00 = SRC master clock is not divided. is divided by 1.5. k is divided by 3. er for Internal Clock 2 (ICLK2). Clock divider for Internal Clock 1 (ICLK1). 00 = Divide by 1. ivide by = Divide by lection for the SRC master clock. 12 × fS). ck (256 × fS). 01 = SRC master clock 10 = SRC master clock is divided by 2. 11= SRC master cloc CLK2DIV1–0 Clock divid 00 = Divide by 1. 01 = Divide by 1.5. 10 = Divide by 2. 11 = Divide by 3. CLK1DIV1–0 01 = Divide by 1.5. 10 = D 2. 11 3. MCLKSEL1–0 Clock se 00 = Internal Clock 1. 01 = Internal Clock 2. 10 = PLL recovered clock (5 11 = PLL recovered clo Table 18. SPDIF Loop RES RES RES RES RES RES TxMUX back Control Register RES 7 6 5 4 3 2 1 0 ADDRESS = 0000011 (0x03) TxMUX Selects the source for SPDIF output (DITOUT). 0 = SPDIF transmitter, normal mode. 1 = DIRIN, loopback mode. Table 19. Playback Port Control Register RES RES RES CLKSRC1 CLKSRC0 SPMODE2 SPMODE1 SPMODE0 7 6 5 4 3 2 1 0 ADDRESS = 0000100 (0x04) CLKSRC1–0 Selects the clock source for generating the ILRCLK and IBCLK. 00 = Input port is a slave. 01 = Recovered PLL clock. 10 = Internal Clock 1. 11 = Internal Clock 2. SPMODE2–0 Selects the serial format of the playback port. 000 = Left-justified. 001 = I2S. 100 = 24-bit, right-justified. 101 = 20-bit, right-justified. 110 = 18-bit, right-justified. 111 = 16-bit, right-justified. |