| Zakładka z wyszukiwarką danych komponentów |
|
M2XUM-R20-P Arkusz danych(PDF) 6 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
M2XUM-R20-P Arkusz danych(HTML) 6 Page - M-System Co.,Ltd. |
|
6 / 7 page ![]() MODEL: M2XUM M2XUM SPECIFICATIONS ES-5009 Rev.19 Page 6/7 http://www.m-system.co.jp/ TERMINAL ASSIGNMENTS unit: mm (inch) Use the input resistor (model: REM2) for a DC current input, and the CJC sensor (model: CJM) for a thermocouple input, both included in the package. 4 6 8 7 10 11 3 5 9 1 2 INPUT RESISTOR (model: REM2) 1 6 8 7 10 11 3 9 4 2 2 1 red black 5 CJC SENSOR (model: CJM) SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM + – Isolation Isolation Base Socket Low Drift Amplifier & Burnout Output Driver OUTPUT Digital Computation ZERO/SPAN SELECTOR INPUT RANGE SELECTOR UP/DOWN SWITCHES 7 8 3 6 9 U(+) V(–) POWER 10 11 STATUS ADDRESS * Input shunt resistor attached for current input. **When the module is at the end of RS-485 transmission line, turn on the Modbus terminating resistor located behind the front cover, off when it is not. RS-485 Interface DB DA DG COMM. INTERFACE ** 1 4 2 CONFIGURATOR JACK + – 3 2 1 POT. DC max. min. A B B RTD + – + – T/C CJC SENSOR (model: CJM) ext. wire 5 red black + – * R |