| Zakładka z wyszukiwarką danych komponentów |
|
M6DXF1-S1V2-R Arkusz danych(PDF) 5 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
M6DXF1-S1V2-R Arkusz danych(HTML) 5 Page - M-System Co.,Ltd. |
|
5 / 6 page ![]() MODEL: M6DXF1 M6DXF1 SPECIFICATIONS ES-7847 Rev.8 Page 5/6 http://www.m-system.co.jp/ FUNCTIONS ■ MOVING AVERAGE OUTPUT The module samples input signals every H seconds and, excluding U numbers of highest-value samples and L numbers of lowest-value samples, outputs proportionally to the average of the rest [N – (U + L)] of sampled data. When a new input is sampled after another H seconds, it gives up the oldest sample and calculates a new average including the latest sample and outputs proportionally. When the number of samples to be calculated equals 0 or less, it outputs an error. Parameters H: Sampling cycle (0.1000 to 100.0000 seconds) N: Number of samples to be calculated (1 to 128) U: Number of highest-value samples to be cut off (0 to 127) L: Number of lowest-value samples to be cut off (0 to 127) ■ DEAD-TIME COMPUTING The module does not respond to an input signal for a preset dead-time* duration. In addition, with adjusting a time constant T, it generates a first order lag output after the dead-time. e –HNs X0 (s) = ––––––– X1 (s) 1 + Ts where X1: Input X0: Output Dead time = H x N (s) Parameters H: Sampling cycle (0.1000 to 100.0000 seconds) N: Numbers of samples to be calculated (1 to 128) T: Time constant (0.0000 or 0.5000 to 100.0000 seconds) *Output is refreshed every sampling cycle. The response time may be delayed by 1 cycle at the maximum. ■ DELAY BUFFER The module generates a first order lag output. 1 X0 (s) = ––––––– X1 (s) 1 + Ts where X1: Input X0: Output Parameters T: Time constant (0.5000 to 100.0000 seconds) H H INPUT t OUTPUT t N numbers N numbers average INPUT • Step input with dead-time t OUTPUT t 0 0 H x N INPUT • Step input with dead-time plus time constant t OUTPUT t 0 0 T H x N INPUT • Step input with time constant t OUTPUT t 0 0 T |